전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145443BDW 데이터시트(PDF) 8 Page - LANSDALE Semiconductor Inc.

부품명 MC145443BDW
상세설명  Single?밅hip 300?밄aud Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145443BDW 데이터시트(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button MC145443BDW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145443BDW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145443BDW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145443BDW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145443BDW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145443BDW Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145443BDW Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145443BDW Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145443BDW Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.lansdale.com
Page 8 of 11
LANSDALE Semiconductor, Inc.
ML145442, ML145443
CARRIER DETECT TIMING ADJUSTMENT
The value of a capacitor, CCDT at CDT (pin 4) determines
how long a received modem signal must be present above the
minimum threshold level before CD (pin 3) goes low. The
CCDT capacitor also determines how long the CD pin stays
low after the received modem signal goes below the mini mum
threshold. The CD pin is used to distinguish a strong modem
signal from random noise. The following equations show the
relationship between tCDL, the time in seconds required for
CD to go low; tCDH, the time in seconds required for CD to
go high; and CCDT, the capacitor value in µF.
Valid signal to CD response time:
tCDL≈ 6.4 X CCDT
Invalid signal to CD off time:
tCDH ≈ 0.54 X CCDT
Example:
tCDL ≈ 6.4 X 0.1 µF ≈ 0.64 seconds
tCDH ≈ 0.54 X 0.1 µF ≈ 0.054 seconds
CARRIER DETECT THRESHOLD ADJUSTMENT
The carrier detect threshold is set by internal resistors to
activate CD with a typical –44 dBm (into 600 Ω) signal and
deactivate CD with a typical –47 dBm signal applied to the
input of the hybrid circuit. The carrier detect threshold level
can be adjusted by applying an external voltage on CDA (pin
7). The following equations may be used to find the CDA volt-
age required for a given threshold voltage. (Von and Voff are in
Vrms.)
VCDA = 244 x Von
VCDA = 345 x Voff
Example (Internally Set)
Von = 4.9 mV ≈ –44 dBm: VCDA = 244 x 4.9 mV = 1.2 V
Voff = 3.5 mV ≈ –47 dBm: VCDA = 345 x 3.5 mV = 1.2 V
Example (Externally Set)
Von = 7.7 mV ≈ –40 dBm: VCDA = 244 x 7.7 mV = 1.9 V
Voff = 5.4 mV ≈ –43 dBm: VCDA = 345 x 5.4 mV = 1.9 V
The CDA pin has an approximate Thevenin equivalent volt-
age of 1.2 V and an output impedance of 100 kΩ. When using
the internal 1.2 V reference, a 0.1 µF capacitor should be con-
nected between this pin and VSS (see Figure 5).
TRANSMIT LEVEL ADJUSTMENT
The power output at TxA (pin 17) is determined by the value
of resistor RTLA that is connected between TLA (pin 20) to
VDD (pin 6). Table 3 shows the RTLA values and the corre-
sponding power output for a 600 Ω load. The voltage at TxA is
twice the value of that at ring and tip because TxA feeds the
signal through a 600 Ω resistor RTx to a 600 Ω line trans-
former (see Figure 7). When choosing resistor RTLA, keep in
mind that –9 dBm is the maximum output level allowed from a
modem onto the telephone line (in the U.S.). In addition, keep
in mind that maximizing the power output from the modem
optimizes the signal–to–noise ratio, improving accurate data
transmission.
THE LINE DRIVER
The line driver is a power amplifier used for driving a tele-
phone line. Both the inverting and noninverting input to the line
driver are available for transmitting externally generated tones.
Exl (pin 18) is the noninverting input to the line driver and
gives a fixed gain of 2 (Ri = 50 kΩ). The average signal level
must be the same as VAG to maintain proper operation. This
pin should be connected to VAG if not used.
The driver summing input (DSI, pin 1) may be used to con-
nect an external signal, such as a DTMF dialer, to the phone
line. When applying a signal to the DSI pin, the modulator
should be squelched by bringing SQT (pin 14) to a logic high
level. DSI must be left open if not used.
In addition, the DSI pin is the inverting side of the line driv-
er and allows adjustable gain with a series resistor RDSI (see
Figure 6). The voltage gain, AV, is determined by the equation:
where Rf ≈ 20 kΩ.
Example: A resistor value of 20 kΩ for RDSI will provide
unity gain.
AV = – (20 kΩ/20 kΩ) = –1 .
Table 3. Transmit Level Adjust
Output Transmit Level
(Typical into 600
Ω)
RTLA
–12 dBm
–11 dBm
19.8 k
–10 dBm
9.2 k
–9 dBm
5.5 k
AV = – Rf
R DSI
Legacy Applications Information
Issue b


유사한 부품 번호 - MC145443BDW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145443BDW MOTOROLA-MC145443BDW Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
MC145443BDW LANSDALE-MC145443BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
More results

유사한 설명 - MC145443BDW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
List of Unclassifed Man...
SC11014 ETC-SC11014 Datasheet
992Kb / 21P
   300 / 1200 Bit Per Second Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com