전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145405DW 데이터시트(PDF) 3 Page - LANSDALE Semiconductor Inc.

부품명 MC145405DW
상세설명  Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145405DW 데이터시트(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC145405DW Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145405DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145405DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145405DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145405DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145405DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145405DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145405DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.lansdale.com
Page 3 of 8
Issue A
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND, except where noted)
Rating
Symbol
Value
Unit
DC Supply Voltage (VDD ≥ VCC)
VDD
VSS
VCC
– 0.5 to + 13.5
+ 0.5 to – 13.5
– 0.5 to + 6.0
V
Input Voltage Range
Rx1 – Rx
n
DI1 – DI
n
VIR
VSS – 15 to VDD + 15
0.5 to VCC + 15
V
DC Current Drain per Pin
I
± 00
mA
Power Dissipation
PD
1
W
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
DC ELECTRICAL CHARACTERISTICS (All polarities referenced to GND = 0 V, TA = – 40 to + 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
DC Supply Voltage
VDD
VSS
VCC
4.5
– 4.5
4.5
5 to 12
– 5 to – 12
5
13.2
– 13.2
5.5
V
Quiescent Supply Current (Outputs Unloaded, Inputs Low)
VDD = + 12 V
VSS = – 12 V
VCC = + 5 V
IDD
ISS
ICC
425
– 400
110
635
– 600
200
µA
RECEIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C, VCC = + 5 V, ± 10%)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Turn–On Threshold
Rx1 – Rx
n
VDO = VOL
Von
1.35
1.8
2.35
V
Input Turn–Off Threshold
Rx1 – Rx
n
VDO = VOH
Voff
0.75
1
1.25
V
Input Threshold Hysteresis
∆ = Von – Voff
Vhys
0.6
0.8
V
Input Resistance
(VSS – 15 V) ≤ V Rx1 – Rxn ≤ (VDD + 15 V)
Rin
3
5.4
7
k
High Level Output Voltage
Iout = – 20 µA
VRx = – 3 to – 25 V* (DO1 – DOn)Iout = – 1.0 mA
VOH
4.9
3.8
4.9
4.3
V
Low Level Output Voltage
Iout = + 2 mA
VRx = + 3 to + 25 V* (DO1 – DOn)Iout = + 4 mA
VOL
0.02
0.5
0.5
0.7
V
* This is the range of input voltages as specified by EIA–232–E to cause a receiver to be in the high or low.
This device contains circuitry to protect the
inputs and outputs against damage due to high
static voltages or electric fields; however, it is
advised that normal precautions be taken to
avoid applications of any voltage higher than
maximum rated voltages to this high imped-
ance circuit.
For proper operation it is recommended that
Vout and Vin be constrained to the ranges
described as follows:
Digital I/O: Driver Inputs (DI):
(GND ≤ VDI ≤ VCC).
Receiver Outputs (DO):
(GND ≤ VDO ≤ VCC).
EIA–232 I/O: Driver Outputs (Tx):
(VSS ≤ VTx1 – Txn ≤ VDD).
Receiver Inputs (Rx):
VSS – 15 V ≤ VRx1 – Rxn ≤ VDD
+ 15 V).
Reliability of operation is enhanced if unused
outputs are tied off to an appropriate logic
voltage level (e.g., either GND or VCC for DI,
and GND for Rx).
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408


유사한 부품 번호 - MC145405DW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145405DW MOTOROLA-MC145405DW Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results

유사한 설명 - MC145405DW

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
Texas Instruments
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com