전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML145488 데이터시트(PDF) 10 Page - LANSDALE Semiconductor Inc.

부품명 ML145488
상세설명  Dual Data Link Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145488 데이터시트(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML145488 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145488 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.lansdale.com
Page 10 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML145488
System Master (DMA) Mode
During DMA operation, the DDLC becomes a system master
and controls the system bus. When one of the internal FIFOs
requests a DMA transfer, the DDLC negotiates with the system
host for ownership of the bus. After successful negotiation, one
DMA request is serviced, and then the bus is relinquished. The
DDLC has the capability of reading or writing data from or to
memory. If the memory system is slow, the DDLC inserts wait
states (user selectable) until the memory is ready to complete the
access. The DDLC has the capability of recovering from system
faults such as addressor bus errors.
Interrupt Operation
The DDLC has 27 vectored interrupt sources to inform the host
of its status. One group of interrupts is normal operation inter-
rupts. These inform the host that a particular task was completed
and that new tasks are desired. Another group is bit handler faults,
which inform the host that a DDLC channel detected a fault from
which it cannot recover without assistance from the host. A third
group is the timer and SCP interrupts. The last group of interrupts
is the system faults. These include DMA bus and address errors.
The interrupts are presented to the host as a vector number in an
interrupt acknowledge cycle. The interrupts are encoded into the
low four bits so the DDLC vector space consumes 16 out of 256
locations. Software can program the base vector number, so the
DDLC vectors can be located anywhere within the vector table.
For applications not using vectored interrupts, the equivalent vec-
tor number is accessible in the Master Status register.
SERIAL INTERFACE
The serial interface block has a variety of configurations that
make it compatible with most common interfaces. Each serial inter-
face is independent, so two different configurations may be active
simultaneously. The serial interface has an IDL mode, a time slot
mode, and a general purpose modem mode. The serial interface
supports long frame and short frame timing. It also supports sub-
rate multiplexing. The serial mode is selected by programming the
appropriate bits in the Serial Interface Control register.
A full set of serial interface control and handshake pins are pro-
vided. The name and functionality change to reflect The serial
mode of operation. Separate receive and transmit clock inputs are
provided for all modes except IDL and time-slot modes.
The serial interface also supports transfer of transparent data.
Depending on which type of serial interface is used, an external
synchronization signal must be provided to maintain byte align-
ment. In IDL mode, the byte synchronization is programmed by
the microprocessor.
SERIAL CONTROL PORT
A Serial Control Port, similar to the Serial Peripheral Interface
(SPI) on Motorola single–chip microprocessors, is provided to
communicate with external devices via a serial link. The SCP
functions are multiplexed onto other serial pins so when the SCP
is enabled, certain modem control features are lost. Please consult
Lansdale Semiconductor for more detailed technical information.
TIMERS
Two timers are provided for general purpose low–resolution
protocol uses. The clock to the timer is derived from the Master
MPU Clock (MCLK). The baud rate generator in the SCP block is
used to drive the timer divide chain. This clock is then divided by
1024 and applied to an eight–bit down–counter. The counter is
readable and writable by the host and may be set to any value.
The counter counts down toward zero from the current value. A
non–maskable interrupt is generated when the counter underflows
from FF to FE. The timers continue counting down after reaching
FE. The status bit from the previous interrupt must be cleared
before a new interrupt is generated. The timer function and inter-
rupt are enabled by setting the Timer Enable bit in the Timer reg-
ister to one. The timer interrupt status bits must be read while set
before they can be cleared. The timers are intended for low accu-
racy uses such as protocol timers. Figure 8 describes the clock
selection choices for the timers.
Watchdog Timer
Timer 0 may be configured as a watchdog timer for the entire
host system. When the Watchdog Enable bit is set, an extra
divide–by–16 is added to the clock input of the counter. When the
counter underflows from FF to FE, the Reset pin becomes an out-
put for 16 MCLK cycles and a logic low is output. This provides a
system reset to the host. The host can write any value (except FE
hex) to the Timer register to setup any timeout. Timeouts of up to
5.6 seconds are available with a 12 MHz MCLK.
POWER CONSUMPTION
The DDLC is designed utilizing high–performance CMOS
technology. As as result, average power consumption is very low.
However, because there are wide address and databuses, peak cur-
rents may exceed 150 mA for short periods of time (less than 20
ns) while the drivers are charging or discharging the buses.
REGISTER SET
The DDLC has many user accessible registers. These registers
control the blocks or indicate status. Other registers, used by the
DMA section, are used as buffer descriptors and counters. For a
more detailed description, please refer to the DDLC data book.
The address for each register is the hexadecimal offset from the
base address of the chip select. The registers may be accessed as
8–bit registers or 16–bit registers. Table 1 is a map of the registers
and their principal function.


유사한 부품 번호 - ML145488

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
ML145403-6P LANSDALE-ML145403-6P Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145403DW LANSDALE-ML145403DW Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145403P LANSDALE-ML145403P Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
More results

유사한 설명 - ML145488

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
   VAN Data Link Controller
logo
Motorola, Inc
MC6854 MOTOROLA-MC6854 Datasheet
2Mb / 22P
   ADVANCED DATA-LINK CONTROLLER
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
   Serial VAN Data Link Controller
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com