전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA033LBSG 데이터시트(PDF) 3 Page - Rohm

부품명 BA033LBSG
상세설명  Super-mini package regulator IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA033LBSG 데이터시트(HTML) 3 Page - Rohm

  BA033LBSG Datasheet HTML 1Page - Rohm BA033LBSG Datasheet HTML 2Page - Rohm BA033LBSG Datasheet HTML 3Page - Rohm BA033LBSG Datasheet HTML 4Page - Rohm BA033LBSG Datasheet HTML 5Page - Rohm BA033LBSG Datasheet HTML 6Page - Rohm BA033LBSG Datasheet HTML 7Page - Rohm BA033LBSG Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BA
ΟΟΟLBSG series
Regulator IC
!
!
!
!
Electrical characteristics
BA028LBSG (unless otherwise noted, Ta=25
°C, VCC=3.8V)
Parameter
Coniditions
Vctl=3V, no output load
Io=10mA, f=400Hz, C=0.01
µF2
Io=10mA, C=0.01
µF2
Io=10mA, Vcc=3.8~7V1
Io=50mA1
Io=1~50mA1
Io=10mA, f=400Hz
Io=50mA, Vcc=0.95Vo
Circuit current
<Output block>
<Power-save block>
Vctl=0V
Vctl=3V
Standby current
ICCS
10
0
µA
150
65
µA
µA
150
90
mV
80
40
mV
30
3
mV
56
µV
50
58
dB
66
dB
0.6
15
6.0
V
2.4
V
−−
150
280
mA
2.87
2.73
2.80
V
Symbol
Min.
Typ.
Max.
Unit
ICCa
VO
IO
Reg.L
Reg.I
en
R.R1
R.R2
Voff
Von
Ictl
∆Vd
Output voltage
Output current capability
Dropout voltage
Load regulation
Input regulation
Output noise voltage
Ripple rejection 1
Ripple rejection 2
CTL OFF voltage
CTL ON voltage
CTL inflow current
Not designed for radiation resistance.
∗ In order to measure at Ta Tj (pulse measurement), fluctuations in output resulting from temperature fluctuations are not included.
∗ Design guaranteed. (Not all products have been inspected.)
A capacitor (0.01
µF) is used between pin 4 and pin 5, to improve ripple rejection.
BA029LBSG (unless otherwise noted, Ta=25
°C, VCC=3.9V)
Parameter
Coniditions
Vctl=3V, no output load
Io=10mA, f=400Hz, C=0.01
µF2
Io=10mA, C=0.01
µF2
Vcc=3.9~7V
Io=50mA1
Io=1~50mA1
Io=10mA, f=400Hz
Io=50mA, Vcc=0.95Vo
Circuit current
<Output block>
<Power-save block>
Vctl=0V
Vctl=3V
Standby current
ICCS
µA
µA
µA
mV
mV
mV
µV
dB
V
V
mA
V
Symbol
45
2.4
150
2.828
Min.
0
65
90
40
3
56
58
6.0
280
2.90
Typ.
10
150
150
80
30
0.6
15
2.973
Max.
Unit
ICCa
VO
IO
Reg.L
Reg.I
en
R.R1
Voff
Von
Ictl
∆Vd
Output voltage
Output current capability
Dropout voltage
Load regulation
Input regulation
Output noise voltage
Ripple rejection 1
dB
66
R.R2
Ripple rejection 2
CTL OFF voltage
CTL ON voltage
CTL inflow current
Not designed for radiation resistance.
∗ In order to measure at Ta Tj (pulse measurement), fluctuations in output resulting from temperature fluctuations are not included.
∗ Design guaranteed. (Not all products have been inspected.)
A capacitor (0.01
µF) is used between pin 4 and pin 5, to improve ripple rejection.


유사한 부품 번호 - BA033LBSG

제조업체부품명데이터시트상세설명
logo
Rohm
BA033LBSG ROHM-BA033LBSG Datasheet
121Kb / 9P
   Super-mini package regulator IC
More results

유사한 설명 - BA033LBSG

제조업체부품명데이터시트상세설명
logo
Rohm
BA028LBSG ROHM-BA028LBSG_1 Datasheet
121Kb / 9P
   Super-mini package regulator IC
BA028LBSG ROHM-BA028LBSG Datasheet
129Kb / 9P
   Super-mini package regulator IC
BAOOLBSG ROHM-BAOOLBSG Datasheet
129Kb / 9P
   Super-mini package regulator IC
BA00LBSG ROHM-BA00LBSG Datasheet
115Kb / 9P
   Super-mini package regulator IC
BA030LBSG2-TR ROHM-BA030LBSG2-TR Datasheet
121Kb / 9P
   Super-mini package regulator IC
BA000LBSG ROHM-BA000LBSG Datasheet
116Kb / 9P
   Super-mini package regulator IC
BA050LBSG2-TR ROHM-BA050LBSG2-TR Datasheet
121Kb / 9P
   Super-mini package regulator IC
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com