전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP15N60L 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFP15N60L
상세설명  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP15N60L 데이터시트(HTML) 7 Page - International Rectifier

  IRFP15N60L Datasheet HTML 1Page - International Rectifier IRFP15N60L Datasheet HTML 2Page - International Rectifier IRFP15N60L Datasheet HTML 3Page - International Rectifier IRFP15N60L Datasheet HTML 4Page - International Rectifier IRFP15N60L Datasheet HTML 5Page - International Rectifier IRFP15N60L Datasheet HTML 6Page - International Rectifier IRFP15N60L Datasheet HTML 7Page - International Rectifier IRFP15N60L Datasheet HTML 8Page - International Rectifier IRFP15N60L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRFP15N60L
www.irf.com
7
Fig 14a. Maximum Avalanche Energy
vs. Drain Current
Fig 14c. Unclamped Inductive Waveforms
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 15a. Gate Charge Test Circuit
Fig 15b. Basic Gate Charge Waveform
Fig 14b. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
QG
QGS
QGD
VG
Charge
VGS V
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
ID
TOP
6.7A
9.5A
BOTTOM 15A


유사한 부품 번호 - IRFP15N60L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP15N60L VISHAY-IRFP15N60L Datasheet
898Kb / 8P
   Power MOSFET
S-Pedning-Rev. B, 24-Jun-08
logo
Inchange Semiconductor ...
IRFP15N60L ISC-IRFP15N60L Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFP15N60LPBF IRF-IRFP15N60LPBF Datasheet
188Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFP15N60LPBF VISHAY-IRFP15N60LPBF Datasheet
898Kb / 8P
   Power MOSFET
S-Pedning-Rev. B, 24-Jun-08
More results

유사한 설명 - IRFP15N60L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com