전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLIB4343 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRLIB4343
상세설명  DIGITAL AUDIO MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLIB4343 데이터시트(HTML) 1 Page - International Rectifier

  IRLIB4343 Datasheet HTML 1Page - International Rectifier IRLIB4343 Datasheet HTML 2Page - International Rectifier IRLIB4343 Datasheet HTML 3Page - International Rectifier IRLIB4343 Datasheet HTML 4Page - International Rectifier IRLIB4343 Datasheet HTML 5Page - International Rectifier IRLIB4343 Datasheet HTML 6Page - International Rectifier IRLIB4343 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.irf.com
1
3/31/04
Notes
 through … are on page 7
DIGITAL AUDIO MOSFET
IRLIB4343
Features
l
Advanced Process Technology
l
Key Parameters Optimized for Class-D Audio
Amplifier Applications
l
Low RDSON for Improved Efficiency
l
Low Qg and Qsw for Better THD and Improved
Efficiency
l
Low Qrr for Better THD and Lower EMI
l
175°C Operating Junction Temperature for
Ruggedness
l
Repetitive Avalanche Capability for Robustness and
Reliability
Description
This Digital Audio HEXFET
® is specifically designed for Class-D audio amplifier applications. This MosFET utilizes the latest
processing techniques to achieve low on-resistance per silicon area. Furthermore, Gate charge, body-diode reverse recovery
and internal Gate resistance are optimized to improve key Class-D audio amplifier performance factors such as efficiency, THD
and EMI. Additional features of this MosFET are 175°C operating junction temperature and repetitive avalanche capability.
These features combine to make this MosFET a highly efficient, robust and reliable device for Class-D audio amplifier
applications.
VDS
55
V
RDS(ON) typ. @ VGS = 10V
42
m
:
RDS(ON) typ. @ VGS = 4.5V
57
m
:
Qg typ.
28
nC
TJ max
175
°C
Key Parameters
TO-220 Full-Pak
S
D
G
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Power Dissipation
W
PD @TC = 100°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
3.84
°C/W
RθJA
Junction-to-Ambient
f
–––
65
Max.
13
80
±20
55
19
10lb
xin (1.1Nxm)
-40 to + 175
39
20
0.26
PD - 95857A


유사한 부품 번호 - IRLIB4343

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLIB4343PBF IRF-IRLIB4343PBF Datasheet
205Kb / 7P
   DIGITAL AUDIO MOSFET
More results

유사한 설명 - IRLIB4343

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com