전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4782 데이터시트(PDF) 3 Page - Maxim Integrated Products

부품명 MAX4782
상세설명  High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4782 데이터시트(HTML) 3 Page - Maxim Integrated Products

  MAX4782 Datasheet HTML 1Page - Maxim Integrated Products MAX4782 Datasheet HTML 2Page - Maxim Integrated Products MAX4782 Datasheet HTML 3Page - Maxim Integrated Products MAX4782 Datasheet HTML 4Page - Maxim Integrated Products MAX4782 Datasheet HTML 5Page - Maxim Integrated Products MAX4782 Datasheet HTML 6Page - Maxim Integrated Products MAX4782 Datasheet HTML 7Page - Maxim Integrated Products MAX4782 Datasheet HTML 8Page - Maxim Integrated Products MAX4782 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
High-Speed, Low-Voltage, 0.7
Ω CMOS Analog
Switches/Multiplexers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(VCC = +2.7V to +3.6V, GND = 0, VIH = 1.4V, VIL = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA =
+25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
SWITCH DYNAMIC CHARACTERISTICS
+25°C
11
25
Turn-On Time
tON
VX_, VY_, VZ_ = 1.5V; RL = 50
Ω;
CL = 35pF; Figure 1
TMIN to TMAX
27
ns
+25°C
4
15
Turn-Off Time
tOFF
VX_, VY_, VZ_ = 1.5V; RL = 50
Ω;
CL = 35pF; Figure 1
TMIN to TMAX
20
ns
+25°C
11
25
Address Transition Time
tTRANS
VX_, VY_, VZ_ = 1.5V; RL = 50
Ω;
CL = 35pF; Figure 2
TMIN to TMAX
27
ns
+25°C
18
Break-Before-Make Time
(Note 7)
tBBM
VX_, VY_, VZ_ = 1.5V; RL = 50
Ω;
CL = 35pF; Figure 3
TMIN to TMAX
2
ns
Charge Injection
Q
VGEN = 0, RGEN = 0, CL = 1nF,
Figure 4
+25°C
-110
pC
Input Off-Capacitance
CX_(OFF),
CY_(OFF),
CZ_(OFF)
f = 1MHz,
Figure 6
+25°C
38
pF
MAX4781
310
MAX4782
158
Output Off-Capacitance
CX(OFF),
CY(OFF),
CZ(OFF)
f = 1MHz,
Figure 6
MAX4783
+25°C
75
pF
MAX4781
380
MAX4782
224
Output On-Capacitance
CX(ON)
CY(ON)
CZ(ON)
f = 1MHz,
Figure 6
MAX4783
+25°C
140
pF
f = 10MHz
-75
Off-Isolation (Note 8)
VISO
RL = 50
Ω, CL =
35pF, Figure 5
f = 1MHz
-90
dB
f = 10MHz
-65
Channel-to-Channel Crosstalk
(Note 9)
VCT
RL = 50
Ω, CL =
35pF, Figure 5
f = 1MHz
-80
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, 0.5VP-P, RL = 32
0.045
%
DIGITAL I/O
Input Logic High
VIH
TMIN to TMAX
1.4
V
Input Logic Low
VIL
TMIN to TMAX
0.5
V
Input Leakage Current
IIN_
VA, VB, VC = VENABLE = 0 or
3.6V
TMIN to TMAX
-1
0.0005
+1
µA
POWER SUPPLY
Power-Supply Range
VCC
+1.6
+3.6
V
Positive Supply Current
ICC
VCC = 3.6V; VA, VB, VC;
VENABLE = 3.6V or 0
1µA


유사한 부품 번호 - MAX4782

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX478 MAXIM-MAX478 Datasheet
256Kb / 12P
   17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
MAX478-MAX479 MAXIM-MAX478-MAX479 Datasheet
256Kb / 12P
   17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780 MAXIM-MAX4780 Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4780ETE MAXIM-MAX4780ETE Datasheet
349Kb / 13P
   0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
More results

유사한 설명 - MAX4782

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com