전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G00DCKR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G00DCKR
상세설명  LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G00DCKR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G00DCKR Datasheet HTML 2Page - Texas Instruments SN74AUP1G00DCKR Datasheet HTML 3Page - Texas Instruments SN74AUP1G00DCKR Datasheet HTML 4Page - Texas Instruments SN74AUP1G00DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP1G00DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP1G00DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP1G00DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP1G00DCKR Datasheet HTML 9Page - Texas Instruments SN74AUP1G00DCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN74AUP1G00
LOW POWER SINGLE 2INPUT POSITIVENAND GATE
SCES604A – SEPTEMBER 2004 – REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 10 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
18.9
1.2 V
± 0.1 V
1.5
8
15.7
1
18.8
tpd
A or B
Y
1.5 V
± 0.1 V
2.9
5.8
10.5
2.9
12.1
ns
tpd
A or B
Y
1.8 V
± 0.15 V
2
4.7
8.2
2
9.8
ns
2.5 V
± 0.2 V
1.3
3.4
5.7
1.3
6.8
3.3 V
± 0.3 V
1
2.9
4.5
1
5.2
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
21.3
1.2 V
± 0.1 V
3.6
9
17.3
3.1
21.5
tpd
A or B
Y
1.5 V
± 0.1 V
2.9
6.5
11.6
2.9
14
ns
tpd
A or B
Y
1.8 V
± 0.15 V
2
5.3
9.2
2
11.4
ns
2.5 V
± 0.2 V
1.3
3.9
6.4
1.3
8
3.3 V
± 0.3 V
1
3.3
5.1
1
6.4
switching characteristics over recommended operating free-air temperature range, CL = 30 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25 °C
TA = −40 °C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
28.4
1.2 V
± 0.1 V
4.9
11.9
21.9
4.4
27.1
tpd
A or B
Y
1.5 V
± 0.1 V
2.9
8.6
14.7
2.9
17.7
ns
tpd
A or B
Y
1.8 V
± 0.15 V
2
7.1
11.5
2
14.2
ns
2.5 V
± 0.2 V
1.3
5.3
8.1
1.3
10
3.3 V
± 0.3 V
1
4.5
6.5
1
8
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4
1.2 V
± 0.1 V
4
Cpd
Power dissipation capacitance
f = 10 MHz
1.5 V
± 0.1 V
4
pF
Cpd
Power dissipation capacitance
f = 10 MHz
1.8 V
± 0.15 V
4
pF
2.5 V
± 0.2 V
4
3.3 V
± 0.3 V
4


유사한 부품 번호 - SN74AUP1G00DCKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G00DCKR TI-SN74AUP1G00DCKR Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00DCKR TI-SN74AUP1G00DCKR Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00DCKR TI1-SN74AUP1G00DCKR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
SN74AUP1G00DCKRE4 TI-SN74AUP1G00DCKRE4 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00DCKRE4 TI-SN74AUP1G00DCKRE4 Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
More results

유사한 설명 - SN74AUP1G00DCKR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
SN74AUP1G00_101 TI-SN74AUP1G00_101 Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI-SN74AUP1G00_07 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com