전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4-6T 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 TC4-6T
상세설명  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC4-6T 데이터시트(HTML) 1 Page - Mini-Circuits

  TC4-6T Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
50
1.5 to 600 MHz
RF Transformer
Surface Mount
CASE STYLE: AT224-1
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• CATV
• VHF/UHF receivers/transmitters
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
1
SECONDARY
3
SECONDARY CT
2
Applications
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25 W
DC Current
30 mA
Outline Drawing AT224-1
REV. B
M151107
TC4-6T+
IG/TD/CP
151019
Typical Performance Data
Config. A
* Insertion Loss is referenced to mid-band loss, 0.6 dB typ.
TC4-6T+
• wideband, 1.5-600 MHz
• good return loss
• plastic base with leads
• aqueous washable
Transformer Electrical Specifications
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION LOSS*
3 dB
MHz
2 dB
MHz
1 dB
MHz
4
1.5-600
1.5-600
2-400
3-350
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
1.00
0.99
18.04
2.00
0.79
21.15
3.00
0.69
23.26
50.00
0.65
34.11
150.00
0.79
29.54
200.00
0.83
26.00
300.00
0.95
20.67
350.00
0.90
17.75
400.00
1.10
16.06
600.00
1.84
9.91
A
B
C
D
E
F
.150
.150
.160
.050
.040
.025
3.81
3.81
4.06
1.27
1.02
0.64
G
H
J
K
L
wt
.028
.065
.190
.030
.007 grams
0.71
1.65
4.83
0.76
0.18
0.15
TC4-6T+
INSERTION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
0
100
200
300
400
500
600
FREQUENCY (MHz)
TC4-6T+
INPUT RETURN LOSS
0
5
10
15
20
25
30
35
0
100
200
300
400
500
600
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Lead #1 identifier shall be located in the cross-hatched area shown.
Identifier may be either a molded or marked feature.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
*Addition of Top hat™ feature
Benefits
• Allows faster pick-and-place
• Enables visual identification marking
TC4-
6TX+
Upgr
ade
d Ver
sion*
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000


유사한 부품 번호 - TC4-6T

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
TC4-6T-75X MINI-TC4-6T-75X Datasheet
363Kb / 3P
   RF Transformer
TC4-6T-75X++ MINI-TC4-6T-75X+ Datasheet
363Kb / 3P
   RF Transformer
logo
Integrated Device Techn...
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
More results

유사한 설명 - TC4-6T

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com