전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

NJM2571 데이터시트(HTML) 2 Page - New Japan Radio

부품명 NJM2571
상세내용  LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NJRC [New Japan Radio]
홈페이지  http://www.njr.co.jp/index_e.htm
Logo 

NJM2571 데이터시트(HTML) 2 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
/ 9 page
 2 / 9 page
background image
NJM2571
- 2 -
sABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
Power Dissipation
PD
200
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
sELECTRICAL CHARACTERISTICS
(V
+=3.0V,R
L=150Ω,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX. UNIT
Operating Current
ICC
No Signal
-
8.0
12.0
mA
Operating Current at Power Save
Isave
Power Save Mode
-
30
50
uA
Maximum Output Voltage Swing
Vom
f=100kHz,THD=1%
2.2
2.5
-
Vp-p
Voltage Gain
Gv
Vin=100kHz, 1.0Vp-p,
Input Sine Signal
8.5
9.0
9.5
dB
Gfy4.5M Vin=4.5MHz/100kHz, 0.7Vp-p
-0.5
0
0.5
Low Pass Filter Characteristic
Gfy19M
Vin=19MHz/100kHz, 0.7Vp-p
-
-35
-25
dB
Differential Gain
DG
Vin=1.0Vp-p,
Input 10step Video Signal
-
0.5
-
%
Differential Phase
DP
Vin=1.0Vp-p,
Input 10step Video Signal
-
0.5
-
deg
S/N Ratio
SNv
Vin=1.0Vp-p, RL=75Ω
100% White Video Signal
-
+60
-
dB
2nd. Distortion
Hv
Vin=1.0Vp-p, 3.58MHz,
Sine Video Signal, RL=75Ω
-
-50
-
dB
SW Change Voltage High Level
VthPH
Active
1.8
-
V
+
SW Change Voltage Low Level
VthPL
Non-active
0
-
0.3
V
sCONTROL TERMINAL
PARAMETER
STATUS
NOTE
H
Power Save: OFF
L
Power Save: ON
Power Save
OPEN
Power Save: ON


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn