전자부품 데이터시트 검색엔진 |
|
MC145505DW 데이터시트(PDF) 8 Page - LANSDALE Semiconductor Inc. |
|
MC145505DW 데이터시트(HTML) 8 Page - LANSDALE Semiconductor Inc. |
8 / 26 page ML145502, ML145503, ML145505 LANSDALE Semiconductor, Inc. DEVICE DESCRIPTIONS A codec–filter is a device which is used for digitizing and recon- structing the human voice. These devices were developed primarily for the telephone network to facilitate voice switching and trans- mission. Once the voice is digitized, it may be switched by digital switching methods or transmitted long distance (T1, microwave, satellites, etc.) without degradation. The name codec is an acronym from “Coder” for the A/D used to digitize voice, and “Decoder” for the D/A used for reconstructing voice. A codec is a single device that does both the A/D and D/A conversions. To digitize intelligible voice requires a signal to distortion of about 30 dB for a dynamic range of about 40 dB. This may be accomplished with a linear 13–bit A/D and D/A, but will far exceed the required signal to distortion at amplitudes greater than 40 dB below the peak amplitude. This excess performance is at the expense of data per sample. Two methods of data reduction are implemented by compressing the 13–bit linear scheme to compand- ed 8–bit schemes. These companding schemes follow a segmented or “piecewise–linear”curve formatted as sign bit, three chord bits, and four stepbits. For a given chord, all 16 of the steps have the same voltage weighting. As the voltage of the analog input increas- es, the four step bits increment and carry to the three chord bits which increment. With the chord bits incremented, the step bits double their voltage weighting. This results in an effective resolu- tion of 6–bits (sign + chord + four step bits) across a 42 dB dynam- ic range (7 chords above zero, by 6 dB per chord). There are two companding schemes used; Mu–255 Law specifically in North America, and A–Law specifically in Europe. These companding schemes are accepted worldwide. The tables show the linear quanti- zation levels to PCM words for the two companding schemes. In a sampling environment, Nyquist theory says that to properly sample a continuous signal, it must be sampled at a frequency high- er than twice the signal’s highest frequency component. Voice con- tains spectral energy above 3 kHz, but its absence is not detrimental to intelligibility. To reduce the digital data rate, which is proportion- al to the sampling rate, a sample rate of 8 kHz was adopted, consis- tent with a band-width of 3 kHz. This sampling requires a low–pass filter to limit the high frequency energy above 3 kHz from distort- ing the inband signal. The telephone line is also subject to 50/60 Hz power line coupling which must be attenuated from the signal by a high–pass filter before the A/D converter. The D/A process recon- structs a staircase version of the desired inband signal which has spectral images of the in-band signal modulated about the sample frequency and its harmonics. These spectral images are called alias- ing components which need to be attenuated to obtain the desired signal. The low–pass filter used to attenuate filter aliasing compo- nents is typically called a reconstruction or smoothing filter. The ML1455XX series PCM Codec–Filters have the codec, both presampling and reconstruction filters, a precision voltage refer- ence on chip, and require no external components. There are three distinct versions of the Lansdale ML1455XX Series. ML145502 The ML145502 PCM Codec–Filter is the full feature 22–pin device. It is intended for use in applications requiring maximum flexibility. The ML145502 is intended for bit interleaved or byte interleaved applications with data clock frequencies which are non- standard or time varying. One of the five standard frequencies (see ML145503 below) is applied to the CCI input, and the data clock inputs can be any frequency between 64 kHz and 4.096 MHz. The Vref pin allows for use of an external shared reference or selection of the internal reference. The RxG pin accommodates gain adjust- ments for the inverted analog output. All three pins of the input gain–setting operational amplifier are present, providing maximum flexibility for the analog interface. ML145503 The ML145503 PCM Codec–Filter is intended for standard byte interleaved synchronous or asynchronous applications. TDC can be one of five discrete frequencies. These are 128 kHz (40 to 60% duty cycle), 1.536, 1.544, 2.048, or 2.56 MHz. (For other data clock frequencies, see ML145502 or ML145505.) The internal ref- erence is set for 3.15 V peak full scale, and the full scale input level at Txl and output level at RxO is 6.3 V peak–to–peak. This is the + 3 dBm0 level of the PCM Codec–Filter. The +Tx and –Tx inputs provide maximum flexibility for analog interface. All other func- tions are described in the pin description. ML145505 The ML145505 PCM Codec–Filter is intended for byte inter- leaved synchronous applications. The ML145505 has all the fea- tures of the ML145503 but internally connects TDC and RDC (see pin description) to the DC pin. One of the five standard frequencies (listed above) should be applied to CCI. The data clock input (DC) can be any frequency between 64 kHz and 4.096 MHz. www.lansdale.com Page 8 of 26 Issue A |
유사한 부품 번호 - MC145505DW |
|
유사한 설명 - MC145505DW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |