전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD-SP2111-P323C 데이터시트(PDF) 2 Page - PowerDynamics, Inc

부품명 PD-SP2111-P323C
상세설명  WATERPROOF MALE IN-LINE CABLE CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERDYNAMICS [PowerDynamics, Inc]
홈페이지  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-SP2111-P323C 데이터시트(HTML) 2 Page - PowerDynamics, Inc

  PD-SP2111-P323C Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
2 of 2
SHEET
WATERPROOF MALE IN-LINE CABLE CONNECTOR
IP68 RATED; SIZE 21; CRIMP CONTACTS; SCREW TYPE
PD-SP2111-PXX3X
A
PB
11/11/16
RoHS
COMPLIANT
CRIMP TOOL
CRIMP TOOL
CRIMP TOOL
P/N
CRIMPING WIRE RANGE
CRIMP TOOL
CRIMP TOOL
CRIMP REMOVAL TOOL
P/N
CRIMP CONTACT TYPE
PD-RT-1.0
5A MALE / FEMALE CRIMP CONTACT
PD-RT-1.5
10A MALE / FEMALE CRIMP CONTACT
PD-RT-2.5
25A MALE / FEMALE CRIMP CONTACT
5A MALE CRIMP CONTACT
P/N
PD-CT5A-M
WIRE SIZE
STRIP LENGTH
5.5mm
CRIMP TOOL P/N
PD-CTP20/28
REMOVAL TOOL P/N
PD-RT-1.0
[AWG 24 - 20]
( FOR 8 CONTACT MALE CONNECTOR )
10A MALE CRIMP CONTACT
P/N
PD-CT10A-26-M
WIRE SIZE
STRIP LENGTH
8mm
CRIMP TOOL P/N
PD-CT0.14/4
REMOVAL TOOL P/N
PD-RT-1.5
[AWG 26 - 22]
( FOR 5 AND 7 CONTACT MALE CONNECTOR )
PD-CT10A-20-M
[AWG 20]
PD-CT10A-18-M
[AWG 18]
PD-CT10A-16-M
[AWG 16]
PD-CT10A-14-M
[AWG 14]
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
8mm
PD-CT0.14/4
PD-RT-1.5
25A MALE CRIMP CONTACT
P/N
PD-CT25A-18-M
WIRE SIZE
STRIP LENGTH
8mm
CRIMP TOOL P/N
PD-CT0.14/4
REMOVAL TOOL P/N
PD-RT-2.5
[AWG 18]
( FOR 2 AND 3 CONTACT MALE CONNECTOR )
PD-CT25A-16-M
[AWG 16]
8mm
PD-CT0.14/4
PD-RT-2.5
PD-CT25A-14-M
8mm
PD-CT0.14/4
PD-RT-2.5
[AWG 16]
PD-CT25A-12-M
[AWG 12]
8mm
PD-CT0.14/4
PD-RT-1.5
PD-CT4/10


유사한 부품 번호 - PD-SP2111-P323C

제조업체부품명데이터시트상세설명
logo
PowerDynamics, Inc
PD-SP2111-S121C POWERDYNAMICS-PD-SP2111-S121C Datasheet
408Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
PD-SP2111-S121N POWERDYNAMICS-PD-SP2111-S121N Datasheet
408Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
PD-SP2111-S122C POWERDYNAMICS-PD-SP2111-S122C Datasheet
408Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
PD-SP2111-S122N POWERDYNAMICS-PD-SP2111-S122N Datasheet
408Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
PD-SP2111-S21C POWERDYNAMICS-PD-SP2111-S21C Datasheet
408Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
More results

유사한 설명 - PD-SP2111-P323C

제조업체부품명데이터시트상세설명
logo
PowerDynamics, Inc
PD-ST1211-P2 POWERDYNAMICS-PD-ST1211-P2 Datasheet
204Kb / 1P
   METAL IP67 WATERPROOF MALE IN-LINE CABLE
PD-SF1212-P2 POWERDYNAMICS-PD-SF1212-P2 Datasheet
120Kb / 1P
   METAL IP67 WATERPROOF MALE IN-LINE CABLE CONN
PD-SF1211-PXX POWERDYNAMICS-PD-SF1211-PXX Datasheet
183Kb / 1P
   METAL IP67 WATERPROOF MALE IN-LINE CABLE CONN
PD-SF1211-SXX POWERDYNAMICS-PD-SF1211-SXX Datasheet
183Kb / 1P
   METAL IP67 WATERPROOF MALE IN-LINE CABLE CONN
PD-SY1710-PX1X POWERDYNAMICS-PD-SY1710-PX1X Datasheet
218Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-PXX1X POWERDYNAMICS-PD-SP2110-PXX1X Datasheet
226Kb / 1P
   WATERPROOF MALE CABLE CONNECTOR
PD-SP2111-SXX1X POWERDYNAMICS-PD-SP2111-SXX1X Datasheet
408Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
PD-SY1711-SX1X POWERDYNAMICS-PD-SY1711-SX1X Datasheet
218Kb / 1P
   WATERPROOF FEMALE IN-LINE CONNECTOR
PD-ST1211-S2 POWERDYNAMICS-PD-ST1211-S2 Datasheet
204Kb / 1P
   METAL IP67 WATERPROOF FEMALE IN-LINE CABLE
PD-SF1210-PXX POWERDYNAMICS-PD-SF1210-PXX Datasheet
282Kb / 1P
   METAL IP67 WATERPROOF MALE CABLE CONNECTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com