전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-Y202-XXXXX 데이터시트(PDF) 1 Page - Broadcom Corporation.

부품명 HLMP-Y202-XXXXX
상세설명  3mm Yellow GaAsP/GaP LED Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-Y202-XXXXX 데이터시트(HTML) 1 Page - Broadcom Corporation.

  HLMP-Y202-XXXXX Datasheet HTML 1Page - Broadcom Corporation. HLMP-Y202-XXXXX Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Avago Technologies
- 1 -
Description
The following cumulative test results have been obtained from testing performed at Avago Technologies in accordance with JEDEC
standards.
Avago tests parts at the absolute maximum rated conditions recommended for the device. The actual performance you obtain
from Avago parts depends on the electrical and environmental characteristics of your application but will probably be better than
the performance outlined in Table 1.
DISCLAIMER: Avago’s products and software are not specifically designed, manufactured, or authorized for sale as parts, components, or
assemblies for the planning, construction, maintenance, or direct operation of a nuclear facility or for use in medical devices or
applications. The customer is solely responsible, and waives all rights to make claims against Avago or its suppliers, for all loss, damage,
expense, or liability in connection with such use.
Table 1 Reliability Tests
Test Name
Reference
Test Conditions
Units Tested
Units
Faileda
a.
A failure is any LED that is open, shorted or fails to emit light (except solderability test).
Temperature Cycle
JESD22-A104
–40 °C/100 °C, 15 min dwell, 5 min transfer, 100 cycles
336
0
High Temperature Operating Life
JESD22-A108
55 °C, 20 mA for 1000 hours
112
0
High Temperature Humidity
Operating Life
JESD22-A101
85 °C, 85%RH, 8mA for 1000 hours
112
0
High Temperature Humidity Storage
Life
Avago Req.
85 °C, 85%RH for 1000 hours
112
0
Resistance to Solder heat
JESD22-B106.
260 °C for 10 seconds
30
0
Solderability
JESD22-B102
245 °C for 5 seconds
30
0
HLMP-Y202-xxxxx
3mm Yellow GaAsP/GaP LED Lamps
Reliability Datasheet


유사한 부품 번호 - HLMP-Y202-XXXXX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y202-XXXXX AVAGO-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
More results

유사한 설명 - HLMP-Y202-XXXXX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y202-XXXXX AVAGO-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
logo
BRIGHT LED ELECTRONICS ...
BL-B3337M BRIGHT-BL-B3337M Datasheet
130Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3134G-1 BRIGHT-BL-B3134G-1 Datasheet
147Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3139 BRIGHT-BL-B3139 Datasheet
159Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3141Q BRIGHT-BL-B3141Q Datasheet
134Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3334A BRIGHT-BL-B3334A Datasheet
139Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-C3336M BRIGHT-BL-C3336M Datasheet
131Kb / 2P
   LED GaAsP/GaP Yellow Low power consumption.
BL-B3134J BRIGHT-BL-B3134J Datasheet
128Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3433N BRIGHT-BL-B3433N Datasheet
151Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-C3131A BRIGHT-BL-C3131A Datasheet
129Kb / 2P
   LED GaAsP/GaP Yellow Low power consumption.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com