전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL6609ANPDE 데이터시트(PDF) 2 Page - Zarlink Semiconductor Inc

부품명 SL6609ANPDE
상세설명  DIRECT CONVERSION FSK DATA RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6609ANPDE 데이터시트(HTML) 2 Page - Zarlink Semiconductor Inc

  SL6609ANPDE Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6609ANPDE Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADVANCE INFORMATION
DS4015 - 2.5
JULY 1995
This device is an advanced direct conversion receiver for
operation up to 470MHz. The design is based on the SL6609
receiver and is a pin for pin product upgrade. The device
integrates all functions to translate a binary FSK modulated
RF signal into a demodulated data stream. Adjacent channel
rejection is provided using tuneable gyrator filters. To assist
operation in the presence of large interfering signals both RF
and audio AGC functions are provided.
The device also includes a 1 volt regulator capable of
sourcing up to 5mA, a battery flag and the facility of incorporating
a more complex post detection filter off-chip. Both battery flag
and data outputs have open collector outputs to ease their
interface with other devices.
FEATURES
s
Very low power operation - typ 3.0mW
s
Single cell operation for most of the device.
Limited functional blocks operating via an inverter
s
Superior sensitivity of -130dBm
s
Operation at wide range of paging data rates
512, 1200, 2400 baud
s
On chip 1 volt regulator
s
Small package offering SSOP
APPLICATIONS
s
Credit card pagers
s
Watch pagers
s
Small form factor pagers i.e. PCMCIA
s
Low data rate data receivers i.e. Security/remote
control
NP28
Fig.1 Pin connections
ABSOLUTE MAXIMUM RATINGS
Supply voltage
6V
Storage temperature
-55°C to +150°C
Operating temperature
-20°C to +70°C
ORDERING INFORMATION
SL6609A / KG / NPDS
- SSOP devices in anti-static sticks
SL6609A / KG / NPDE
- SSOP devices in tape and reel
SL6609A
DIRECT CONVERSION FSK DATA RECEIVER
Fig.2 Block diagram of SL6609A
28
27
26
25
24
23
22
21
20
19
17
16
15
18
TPX
RFIADJ
LOY
GYRI
LOX
VR
TPY
GTHADJ
TCADJ
BEC
TPLIMY
VCC2
DATAOP
BATTFL
IAGCOUT
IRFAMP
MIXA
GND
MIXB
VREG
REGCNT
VCC1
VBATT
VBG
BRF1
BRF2
TPLIMX
DIGGND
1
2
3
4
5
6
7
8
9
10
12
13
14
11


유사한 부품 번호 - SL6609ANPDE

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
SL6609AKGNPDE MITEL-SL6609AKGNPDE Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
SL6609AKGNPDS MITEL-SL6609AKGNPDS Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
More results

유사한 설명 - SL6609ANPDE

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com