전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1-33-75G2 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 TC1-33-75G2
상세설명  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC1-33-75G2 데이터시트(HTML) 1 Page - Mini-Circuits

  TC1-33-75G2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
75
5 to 3000 MHz
RF Transformer
Surface Mount
TC1-33-75G2+
TC1-33-75G2+
INSERTION LOSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• balanced to unbalanced transformation
• push-pull amplifiers
• PCS/DCS
• cable TV
• cellular
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
1
SECONDARY
3
NOT USED
2
• suitable for tin/lead and RoHS solder systems
• wideband, 5 to 3000 MHz
• balanced transmission line
• good return loss, 20 dB typ. at 1 dB band
• excellent amplitude unbalance, 0.3 dB typ. and
phase unbalance, 3 deg typ. in 1 dB bandwidth
• aqueous washable
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Transformer Electrical Specifications (T
AMB=25°C)
REV. A
M151107
TC1-33-75G2+
ED-12480/1
WP/IG/CP/AM
151015
Typical Performance Data
PC B L and Patter n
Suggested L ayout,
T olerance to be within ±.002
CASE STYLE: AT224-3
Outline Drawing AT224-3
RATIO
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
1
5-3000
2000-3000 1200-2000
5-1200
3
4
0.3
1.0
*Insertion Loss is referenced to mid-band loss, 1.0 dB typ.
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
A
B
CD
E
F
.150
.150
.150
.050
.030
.025
3.81
3.81
3.81
1.27
0.76
0.64
G
H
J
K
wt
.028
.065
.190
.030
grams
0.71
1.65
4.83
0.76
0.10
Config. K
TC1-33-75G2+
INPUT RETURN LOSS
5.0
10.0
15.0
20.0
25.0
30.0
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
1.00
1.85
10.86
0.38
2.91
10.00
0.88
20.01
0.04
0.84
40.00
0.84
21.37
0.00
0.58
100.00
0.86
21.90
0.01
0.92
500.00
0.93
26.20
0.10
3.63
1000.00
0.97
19.72
0.18
4.76
1500.00
1.22
15.43
0.77
3.62
2000.00
1.62
13.94
1.40
0.56
2400.00
2.08
12.54
1.84
4.10
3000.00
3.11
9.59
2.06
12.70
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000


유사한 부품 번호 - TC1-33-75G2

제조업체부품명데이터시트상세설명
logo
Qorvo, Inc
TC1-33-75G2++ QORVO-TC1-33-75G2+ Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
TC1-33-75G2++ QORVO-TC1-33-75G2+ Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
More results

유사한 설명 - TC1-33-75G2

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com