전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC8104-H 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TPC8104-H
상세설명  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8104-H 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TPC8104-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8104-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8104-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8104-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8104-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8104-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8104-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8104-H
2002-09-11
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U−MOSII)
TPC8104−H
High Speed and High Efficiency DC−DC Converters
Lithium Ion Battery Applications
Notebook PCs
Portable Equipment Applications
l Small footprint due to small and thin package
l High speed switching
l Small gate charge
: Qg = 17 nC (typ.)
l Low drain−source ON resistance : RDS (ON) = 38 mΩ (typ.)
l High forward transfer admittance : |Yfs| = 7.0 S (typ.)
l Low leakage current : IDSS = −10 µA (max) (VDS = −30 V)
l Enhancement−mode : Vth = −0.8~−2.0 V (VDS = −10 V, ID = −1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−5
Drain current
Pulse (Note 1)
IDP
−20
A
Drain power dissipation
(t = 10 s)
(Note 2a)
PD
2.4
W
Drain power dissipation
(t = 10 s)
(Note 2b)
PD
1.0
W
Single pulse avalanche energy
(Note 3)
EAS
32.5
mJ
Avalanche current
IAR
−5
A
Repetitive avalanche energy
(Note 2a) (Note 4)
EAR
0.24
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For (Note 1), (Note 2), (Note 3) and (Note 4), please refer to the
next page.
This transistor is an electrostatic sensitive device. Please handle with
caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-6J1B
Weight: 0.080 g (typ.)
Circuit Configuration


유사한 부품 번호 - TPC8104-H

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
TPC8104-H VBSEMI-TPC8104-H Datasheet
961Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - TPC8104-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8105-H TOSHIBA-TPC8105-H Datasheet
475Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8402 TOSHIBA-TPC8402 Datasheet
719Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com