전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3C3993-6 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE3C3993-6
상세설명  Snap-On MMBX Plug to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3993-6 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3993-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3993-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3993-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3993-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: Snap-On MMBX Plug
• Connector 2: N Female Bulkhead
• Cable Type: RG178
Features
• Max. Operating Frequency of 3 GHz
• Snap-On mating
Applications
• General Purpose Test
• PCB Probing
• PCB Testing
• PCB-to-Panel
.
Description
Pasternack’s MMBX cable assemblies are part of our full line of RF components available for same-day shipping. These
MMBX cable assemblies are designed to connect MMBX system components or test connections, delivering signal frequen-
cies as high as 3 GHz. Our family of MMBX cables can also be used to connect from PCB to panel, offering between series
MMBX options with SMA Bulkhead, TNC Bulkhead and N Bulkhead assembly configurations. If none of our standard options
fit your application, you can specify your own custom MMBX cable assembly using Pasternack’s online Cable Creator.
Our MMBX cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s
broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and customize their signal
connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable
assembly configuration, Pasternack has the right cable assemblies for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Return Loss
-15.563
dB
Insertion Loss
0.6
dB
Velocity of Propagation
70
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Snap-On MMBX Plug to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3993-6
PE3C3993-6 REV 1.0
Snap-On MMBX Plug to N Female Bulkhead
Cable 6 Inch Length Using RG178 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3993-6


유사한 부품 번호 - PE3C3993-6

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C3993-12 PASTERNACK-PE3C3993-12 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3993-18 PASTERNACK-PE3C3993-18 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3993-24 PASTERNACK-PE3C3993-24 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3993-4 PASTERNACK-PE3C3993-4 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3993-8 PASTERNACK-PE3C3993-8 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG178 Coax
More results

유사한 설명 - PE3C3993-6

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C3995-6 PASTERNACK-PE3C3995-6 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3922-6 PASTERNACK-PE3C3922-6 Datasheet
438Kb / 4P
   Snap-On MMBX Plug to SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3993-12 PASTERNACK-PE3C3993-12 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3993-24 PASTERNACK-PE3C3993-24 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3993-18 PASTERNACK-PE3C3993-18 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3993-8 PASTERNACK-PE3C3993-8 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3985-6 PASTERNACK-PE3C3985-6 Datasheet
430Kb / 4P
   Snap-On MMBX Plug to Snap-On MMBX Plug Cable 6 Inch Length Using RG178 Coax
PE3C3994-6 PASTERNACK-PE3C3994-6 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3993-4 PASTERNACK-PE3C3993-4 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3993 PASTERNACK-PE3C3993 Datasheet
440Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable Using RG178 Coax
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com