전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3C3994 데이터시트(PDF) 3 Page - Pasternack Enterprises, Inc.

부품명 PE3C3994
상세설명  Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3994 데이터시트(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C3994 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3994 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3994 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3994 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
How to Order
Part Number Configuration:
PE3C3994
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3994-12 = 12 inches long cable
PE3C3994-100cm = 100 cm long cable
Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable Using RG178 Coax from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable Using RG178 Coax PE3C3994
URL:
https://www.pasternack.com/mmbx-plug-n-female-rg178bu-cable-assembly-pe3c3994-p.aspx
PE3C3994 REV 1.0
RF Cable Assemblies Technical Data Sheet
Snap-On MMBX Plug Right Angle to N Female
Bulkhead Cable Using RG178 Coax
PE3C3994


유사한 부품 번호 - PE3C3994

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C3994-12 PASTERNACK-PE3C3994-12 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3994-18 PASTERNACK-PE3C3994-18 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3994-24 PASTERNACK-PE3C3994-24 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3994-4 PASTERNACK-PE3C3994-4 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3994-6 PASTERNACK-PE3C3994-6 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
More results

유사한 설명 - PE3C3994

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C3993 PASTERNACK-PE3C3993 Datasheet
440Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable Using RG178 Coax
PE3C3996 PASTERNACK-PE3C3996 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to TNC Female Bulkhead Cable Using RG178 Coax
PE3C3922 PASTERNACK-PE3C3922 Datasheet
441Kb / 5P
   Snap-On MMBX Plug to SMA Female Bulkhead Cable Using RG178 Coax
PE3C3995 PASTERNACK-PE3C3995 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable Using RG178 Coax
PE3C3986 PASTERNACK-PE3C3986 Datasheet
431Kb / 4P
   Snap-On MMBX Plug to Snap-On MMBX Plug Right Angle Cable Using RG178 Coax
PE3C3987 PASTERNACK-PE3C3987 Datasheet
431Kb / 4P
   Snap-On MMBX Plug Right Angle to Snap-On MMBX Plug Right Angle Cable Using RG178 Coax
PE3C3994-4 PASTERNACK-PE3C3994-4 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3994-6 PASTERNACK-PE3C3994-6 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3994-8 PASTERNACK-PE3C3994-8 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3994-12 PASTERNACK-PE3C3994-12 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com