전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTDELQS1.12 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 KTDELQS1.12
상세설명  TOPLED E1608
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KTDELQS1.12 데이터시트(HTML) 5 Page - OSRAM GmbH

  KTDELQS1.12 Datasheet HTML 1Page - OSRAM GmbH KTDELQS1.12 Datasheet HTML 2Page - OSRAM GmbH KTDELQS1.12 Datasheet HTML 3Page - OSRAM GmbH KTDELQS1.12 Datasheet HTML 4Page - OSRAM GmbH KTDELQS1.12 Datasheet HTML 5Page - OSRAM GmbH KTDELQS1.12 Datasheet HTML 6Page - OSRAM GmbH KTDELQS1.12 Datasheet HTML 7Page - OSRAM GmbH KTDELQS1.12 Datasheet HTML 8Page - OSRAM GmbH KTDELQS1.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.1
KT DELQS1.12
2017-06-06
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 21
Durchlassspannungsgruppen 3) Seite 21
Dominant Wavelength Groups
2) page 21
Dominant Wellenlängengruppen
2) Seite 21
Group
Luminous Intensity 1) page 21
Luminous Intensity 1) page 21
Luminous Flux 5) page 21
Gruppe
Lichtstärke 1) Seite 21
Lichtstärke 1) Seite 21
Lichtstrom 5) Seite 21
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
TH
330
390
1130
TI
390
450
1320
UG
450
520
1530
UH
520
610
1780
UI
610
710
2080
VG
710
820
2410
VH
820
970
2820
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
W6
2.60
2.90
46
2.90
3.20
A6
3.20
3.50
Group
true green
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
519
525
4
525
531
5
531
537
6
537
543
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


유사한 부품 번호 - KTDELQS1.12

제조업체부품명데이터시트상세설명
logo
ams AG
KTDELMS1.12 AMSCO-KTDELMS1.12 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.8 2022-11-25
KTDELMS1.12-QHRH-25-26E6 AMSCO-KTDELMS1.12-QHRH-25-26E6 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.8 2022-11-25
More results

유사한 설명 - KTDELQS1.12

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
CTDELSS1.12 OSRAM-CTDELSS1.12 Datasheet
694Kb / 22P
   FIREFLY E1608
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
   TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
   TOPLED
logo
Siemens Semiconductor G...
LST670 SIEMENS-LST670 Datasheet
496Kb / 8P
   TOPLED
logo
OSRAM GmbH
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com