전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRTBR98G 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 LRTBR98G
상세설명  Multi CHIPLED
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBR98G 데이터시트(HTML) 4 Page - OSRAM GmbH

  LRTBR98G_18 Datasheet HTML 1Page - OSRAM GmbH LRTBR98G_18 Datasheet HTML 2Page - OSRAM GmbH LRTBR98G_18 Datasheet HTML 3Page - OSRAM GmbH LRTBR98G_18 Datasheet HTML 4Page - OSRAM GmbH LRTBR98G_18 Datasheet HTML 5Page - OSRAM GmbH LRTBR98G_18 Datasheet HTML 6Page - OSRAM GmbH LRTBR98G_18 Datasheet HTML 7Page - OSRAM GmbH LRTBR98G_18 Datasheet HTML 8Page - OSRAM GmbH LRTBR98G_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2018-03-19
4
LRTB R98G
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
red
true
green
blue
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 20 mA
peak
632
523
465
nm
Dominantwellenlänge
4) Seite 25
Dominant wavelength
4) page 25
I
F = 20 mA
dom
621
– 4
+ 5
528*
– 10
+ 13
470*
– 9
+ 6
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 20 mA

18
33
25
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
100
100
100
Grad
deg.
Durchlassspannung
5) Seite 25
(min.)
Forward voltage
5) page 25
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
1.90
2.05
2.50
2.8
3.2
3.8
2.8
3.2
3.8
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V (blue / true green); 12 V (red)
I
R
I
R
0.02
10
0.01
10
0.01
10
A
A
Temperaturkoeffizient von
dom
(typ.)
Temperature coefficient of
dom
I
F = 20 mA; 25°C T 100°C
TCdom
0.04
0.03
0.03
nm/K
Temperaturkoeffizient von V
F
(typ.)
Temperature coefficient of V
F
I
F = 20 mA; 25°C T 100°C
TC
V
– 1.5
– 3.0
– 2.0
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 20 mA
opt
18
21
5
lm/W
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad
1 chip on (typ.)
Junction/solder point
3 chips on (typ.)
Sperrschicht/Lötpad
1 chip on (max.)
Junction/solder point
3 chips on (max.)
R
th JS
R
th JS
R
th JS
R
th JS
490
810
590**
980**
470
540
570**
650**
470
540
570**
650**
K/W
K/W
K/W
K/W
* Einzelgruppen siehe Seite 8
Individual groups on page 8
**R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values


유사한 부품 번호 - LRTBR98G_18

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
   Indoor Video Walls
More results

유사한 설명 - LRTBR98G_18

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LTRBRASR OSRAM-LTRBRASR Datasheet
1Mb / 23P
   Multi CHIPLED
LTRBRASF OSRAM-LTRBRASF Datasheet
1Mb / 23P
   Multi CHIPLED
LRTBR48G OSRAM-LRTBR48G Datasheet
1Mb / 30P
   Multi CHIPLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
   CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
   Miniature ChipLED
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
   TriColor ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com