전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIOE-210 데이터시트(PDF) 2 Page - Advantech Co., Ltd.

부품명 MIOE-210
상세설명  MI/O Extension Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIOE-210 데이터시트(HTML) 2 Page - Advantech Co., Ltd.

  MIOE-210_14 Datasheet HTML 1Page - Advantech Co., Ltd. MIOE-210_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
MI/O Extension Modules
MIOe-110
2 x RS-232, 2 x RS-232/422/485
(with power and isolation),
2 x USB 2.0
Specifications
General
Bus Interface
MIOe LPC/USB
Super I/O
SCH3106
Rear I/O
COM port
COM1/2: Both at coastline and internal box
wafer, simultaneously
COM1: RS-232/422/485 (With isolation.
RS-485 with auto flow control).
COM2: RS-232/422/485 (Supports wake
on ring. Supply 5V/12V power selected by
jumper. RS-485 with auto flow control).
Internal I/O
COM port
COM3/4: RS-232 (Support wake on ring)
USB 2.0
2
Communications
Data Bits
5, 6, 7, 8
Data Signals
RS-422: TxD+, TxD-, RxD+, RxD-
RS-485: DATA+, DATA-
RS-232: TxD, RxD, RTS, CTS, DTR, DSR,
DCD, RI, GND
IRQ
Depends on MI/O CPU Board
Parity
even, odd, sticky or no
Speed
50 to 115.2k Baud
Stop Bits
1, 1.5, 2
Protection
ESD
Air gap ±15kV and contact ±8kV for all
COM ports
Isolation
2.5kV for COM1
Compatibility
Rear I/O
MI/O-Ultra
Mechanical
MI/O-Ultra
Function
MI/O-Compact*, MI/O-Ultra*
Environment
Dimensions
100 x 72 mm (3.9" x 2.8")
Weight
0.04 kg (0.09lb), only for board
Operational
Temperature
0 ~ 60° C (32 ~ 140° F)
Operational
Humidity
40° C @ 95% RH Non-Condensing
Storage
Environment
-40° C ~ 85° C and 60° C @ 95% RH
Non-Condensing
Power
Power Supply
Voltage
Supported by MI/O Extension SBC
* Requires customized BIOS for MI/O CPU board support
Ordering Information
P/N
Description
MIOe-110F-00A1E
2 x RS-232/422/485, 2 x RS-232,
w/ isolation, 2 x USB
MIOe-110L-00A1E
1 x RS-232/422/485, 2 x RS-232,
w/o isolation, 2 x USB
Accessories
P/N
Description
Quantity
1700018999
COM3/4 cable 22cm
1
Optional Accessories
P/N
Description
1700019414
COM1/2 internal cable 30cm
1700019071
2 ports USB cable w/o bracket, 12cm
Specifications
General
Bus Interface
MIOe PCI Express/ USB/ LPC/ Audio
line-out
Ethernet controller
GbE Intel® 82583V
PCIe Switch
PLX PEX8605
USB Hub Controller Terminus FE1.1 USB 2.0 4-port hub
Rear I/O
GbE
1 (10/100/1000 Mbps), both at coastline
and internal box wafer, simultaneously
USB 2.0
2 (Both at coastline and internal box wafer,
simultaneously)
HDMI
1 (by request, only for MIO-2261)
Internal I/O
GbE
1 (10/100/1000 Mbps)
Speaker out
1 with amplifier (Max 2.2W/ch stereo into
a 3
Ω load )
LPC
1 (support extra four COM ports by PCA-
COM232-00A1E or PCA-COM485-00A1E,
TPM module by PCA-TPM-00A1E)
Expansion
Mini PCIe
1 (full size, with SIM holder, including of
USB interface)
Compatibility
Rear I/O
MI/O-Ultra
Mechanical
MI/O-Compact, MI/O-Ultra
Function
MI/O-Compact*, MI/O-Ultra*
Mechanical and Environmental
Dimensions (L x W) 100 x 72 mm (3.9" x 2.8")
Weight
0.04 kg (0.09lb), only for board
Operational
Temperature
Standard operating: 0 ~ 60° C (32 ~ 140° F)
Operational
Humidity
40° C @ 95% RH Non-Condensing
Storage
Temperature
-40° C ~ 85° C and 60° C @ 95% RH
Non-Condensing
Power
Power Supply
Voltage
Supported by MI/O Extension SBC
* 1. HDMI: Only for MIO-2261, supported by request
2. LPC: Supported by OEM BIOS for PCA-COM232-00A1E,
PCA-COM485-00A1E, and PCA-TPM-00A1E
3. MIO-5250 doesn’t support MIOe-120L
Ordering Information
P/N
Description
MIOe-120F-00A1E
2 x GbE w/ PCIe switch, 2 x USB, Mini
PCIe, SIM holder, speaker-out with
amplifier, LPC
MIOe-120L-00A1E
1 x GbE w/o PCIe switch, 2 x USB, Mini
PCIe, SIM holder, speaker-out with
amplifier, LPC
Optional Accessories
P/N
Description
1700019001
1 x LAN cable, 15cm
1700019071
2 ports USB cable w/o bracket, 12cm
PCA-COM232-00A1E 4 x RS-232 extension module,
31.5x48mm
PCA-COM485-00A1E 4 x RS-422/485 extension module,
31.5x48mm
PCA-TPM-00A1E
TPM module, 31.5 x 48 mm
MIOe-120
2 x GbE, HDMI, Mini PCIe, SIM
holder, speaker out, LPC,
2 x USB 2.0
MIOe-PWR1
12-24V DC to DC Power Module
MI/O-Chassis compliant
Specifications
General
Input Voltage
12 to 24 VDC ±5%
Output Voltage
12V ±10%
Output Current
Max. 5A
Protection
OVP, OCP, Anti-reverse
Connector type
Input: Phoenix 2pin
Output: ATX 2x2pin
Mechanical and Environmental
Dimensions (L x W)
90 x 53 mm (3.5" x 2.1")
Operating Temperature
0 ~ 60
° C (32 ~ 140° F)
Weight
0.084 kg (0.185 lb)
Operating Humidity
0% ~ 90% relative humidity,
non-condensing
Ordering Information
P/N
Description
MIOe-PWR1-00A1E
12-24V DC to DC power module
MIOe-PWR1Z-00A1E
12-24V DC power module
-20 ~80 ° C
Accessories
Part No.
Description
1700021072-01
Power cable 2*2P-4.2/2*2P-4.2, 10cm
®
UL


유사한 부품 번호 - MIOE-210_14

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
MIOE-210 ADVANTECH-MIOE-210_13 Datasheet
192Kb / 1P
   4 x RS232/422/485, 2 x RS422/485, 8-bit GPIO
More results

유사한 설명 - MIOE-210_14

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
MIOE-PWR1-00A1E ADVANTECH-MIOE-PWR1-00A1E Datasheet
691Kb / 2P
   MI/O Extension Modules
MIOE-3680 ADVANTECH-MIOE-3680 Datasheet
205Kb / 1P
   MI/O Extension Modules
MIOE-DB5000 ADVANTECH-MIOE-DB5000_12 Datasheet
1Mb / 2P
   MIOe Evaluation Board for MI/O-Compact and MI/O-Ultra SBC
MIOE-DB5000 ADVANTECH-MIOE-DB5000 Datasheet
1,022Kb / 2P
   MIOe Evaluation Board for MI/O-Compact and MI/O-Ultra SBC
19-Oct-2012
PCA-AUDIO-00A1E ADVANTECH-PCA-AUDIO-00A1E Datasheet
2Mb / 1P
   Extension Modules for Slot SBCs
logo
List of Unclassifed Man...
HSL-HUB3 ETC2-HSL-HUB3 Datasheet
309Kb / 1P
   High Speed Link Extension Modules
logo
Advantech Co., Ltd.
PCA-SATAP1-00A1E ADVANTECH-PCA-SATAP1-00A1E Datasheet
2Mb / 1P
   Extension Modules for Slot SBCs
PCA-CFP1-00A1E ADVANTECH-PCA-CFP1-00A1E Datasheet
2Mb / 1P
   Extension Modules for Slot SBCs
PCA-SATAP2-00A1E ADVANTECH-PCA-SATAP2-00A1E Datasheet
2Mb / 1P
   Extension Modules for Slot SBCs
PCA-COM232-00A1E ADVANTECH-PCA-COM232-00A1E Datasheet
2Mb / 1P
   Extension Modules for Slot SBCs
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com