전자부품 데이터시트 검색엔진 |
|
A-402Y 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
A-402Y 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 1 page C/A-392X, C/A-402X DUAL DIGITS DISPLAY Part No. Chip Electro-Optical Characteristics Vf(V)20mA Iv(ucd)10mA Shape Common Cathode Common Anode Raw Material Emitted Color Wave Length λp(nm) Typ. Max. Typ. Fig. No. C-392H A-392H GaP Red 700 2.1 2.8 550 C-392E A-392E GaAsP/GaP Hi.effi Red 635 2.0 2.8 1800 C-392G A-392G GaP Green 565 2.1 2.8 1600 C-392Y A-392Y GaAsP/GaP Yellow 585 2.1 2.8 1500 C-392SR A-392SR GaAlAs Super Red 660 1.8 2.4 8000 D27 C-402H A-402H GaP Red 700 2.1 2.8 550 C-402E A-402E GaAsP/GaP Hi.effi Red 635 2.0 2.8 2000 C-402G A-402G GaP Green 565 2.1 2.8 2000 C-402Y A-402Y GaAsP/GaP Yellow 585 2.1 2.8 1600 C-402SR A-402SR GaAlAs Super Red 660 1.8 2.4 10000 D28 Fig.D27 Fig.D28 1.All dimension are in millimeters (inches). 2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified. |
유사한 부품 번호 - A-402Y |
|
유사한 설명 - A-402Y |