전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AB188 데이터시트(PDF) 4 Page - Lumileds Lighting Company

부품명 AB188
상세설명  Circuit Design and Layout Practices to Minimize Electrical Stress
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB188 데이터시트(HTML) 4 Page - Lumileds Lighting Company

  AB188 Datasheet HTML 1Page - Lumileds Lighting Company AB188 Datasheet HTML 2Page - Lumileds Lighting Company AB188 Datasheet HTML 3Page - Lumileds Lighting Company AB188 Datasheet HTML 4Page - Lumileds Lighting Company AB188 Datasheet HTML 5Page - Lumileds Lighting Company AB188 Datasheet HTML 6Page - Lumileds Lighting Company AB188 Datasheet HTML 7Page - Lumileds Lighting Company AB188 Datasheet HTML 8Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AB188 LUXEON Automotive LEDs Application Brief 20170530 ©2017 Lumileds Holding B.V. All rights reserved.
4
LEDs may not have an integrated ESD protection. LEDs with integrated, unidirectional ESD protection, when operated in
reverse direction, will have a current path and will be destroyed by overcurrent.
• Prevent negative potential from reaching LEDs
– UseofRectifier(Blocking)Diode(seeFigure5)orBlockingFET,intheinputcircuitry,preventsnegativepotential
from being applied to, and potentially damaging, the LEDs
• Provide Circuitry to negate requirement for input polarity
– RectifierBridge,etc.
Addingcircuitrytonegatepolaritycanbeexpensiveandcausepowerlosses,whichmaynotbejustifiedbythelimited
number of connect/disconnect cycles involved. Methods of driver design shall prevent application of a reverse voltage to
the LED (i.e. Poka Yoke or keyed connectors).
3. ESD Guidelines
The likelihood of electrical stress in an LED application can be reduced by taking the following recommendations into
account during the design of the application:
• Maintain proper spacing between signal traces and board edge in an MCPCB/IMS board and proper distance between
signal traces and any grounded surface on the PCB (per IPC-2221B)
• Make use of guard traces/surfaces at edge of PCB, connected to ground, stitching together ground traces on top and
bottom layer (see Figure 6)
• Consider grounding the heatsink, if practical
• WhereverfloatingelectricalconductivematerialsarepotentiallyexposedtoanESDimpact,sensitivesignaltracesin
close proximity need additional protection, for example, by adding large creepage distances or a guard ring. A guard
ring (trace) is a barrier connected to a certain potential (e.g. ground), which can protect the sensitive trace signal from
ESD event
• Add bypass capacitors and discharge protection capacitors whenever possible
• Use common ESD protection methods during manufacturing and installation of LED lamps (e.g. ankle-straps, wrist-
straps,ESDsafeshoes,conductiveworkmats,conductiveflooring,iongenerators,etc.)
• No unconnected metal on PCB to avoid spreading ESD event into the circuit
• Design the product and the process such that direct contact, with ESD sensitive component, is avoided during
assembly
• Most Lumileds high power automotive LED packages feature an integrated TVS protection diode, providing ESD
protectionforhandlingthecomponenttoacertainlevelaccordingtoproductspecification.IfahigherlevelofESD
protection for rough environments (e.g. according to ISO 10605) is needed, additional external unidirectional TVS
devices are necessary, connected parallel to the LED
• Testing performed using Human Body Model (HBM) (see Figure 3)
• Damage can present itself as shown in Figure 4


유사한 부품 번호 - AB188

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
AB1801-T3 ABRACON-AB1801-T3 Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
AB1803-T3 ABRACON-AB1803-T3 Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
AB1804-T3 ABRACON-AB1804-T3 Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
AB1805 ABRACON-AB1805 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
AB1805-T3 ABRACON-AB1805-T3 Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
More results

유사한 설명 - AB188

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
AB06 LUMILEDS-AB06 Datasheet
1Mb / 12P
   Circuit Design and Layout Practices to Minimize Electrical Stress
logo
Maxim Integrated Produc...
MAX77752EVKIT MAXIM-MAX77752EVKIT Datasheet
2Mb / 19P
   Proven PCB Reference Design and Layout
Rev 0; 10/17
MAX77324 MAXIM-MAX77324 Datasheet
880Kb / 7P
   Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX20078EVKIT MAXIM-MAX20078EVKIT Datasheet
753Kb / 9P
   Proven PCB Layout and Thermal Design
Rev 0; 3/17
MAX77714 MAXIM-MAX77714 Datasheet
2Mb / 20P
   Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX77503AEVKIT MAXIM-MAX77503AEVKIT Datasheet
3Mb / 26P
   Proven PCB Reference Design and Layout
Rev 1; 2/19
MAX77831WEVKIT MAXIM-MAX77831WEVKIT Datasheet
2Mb / 18P
   Proven PCB Reference Design and Layout Benefit
Rev 0; 9/20
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com