전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY2V014 데이터시트(PDF) 3 Page - Cypress Semiconductor

부품명 CY2V014
상세설명  LVPECL Voltage Controlled Crystal Oscillator (VCXO)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2V014 데이터시트(HTML) 3 Page - Cypress Semiconductor

  CY2V014 Datasheet HTML 1Page - Cypress Semiconductor CY2V014 Datasheet HTML 2Page - Cypress Semiconductor CY2V014 Datasheet HTML 3Page - Cypress Semiconductor CY2V014 Datasheet HTML 4Page - Cypress Semiconductor CY2V014 Datasheet HTML 5Page - Cypress Semiconductor CY2V014 Datasheet HTML 6Page - Cypress Semiconductor CY2V014 Datasheet HTML 7Page - Cypress Semiconductor CY2V014 Datasheet HTML 8Page - Cypress Semiconductor CY2V014 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY2V014
Document #: 001-06458 Rev. *B
Page 3 of 9
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VCC
Supply Voltage
–0.5
4.4
V
VIN
Input Voltage
Relative to VSS
–0.5
VDD+0.5
VDC
TS
Temperature, Storage
Non Functional
–55
150
°C
TJ
Temperature, Junction
–40
125
°C
ESDHBM
ESD Protection (Human Body Model) MIL-STD-883, Method 3015
2000
V
UL–94
Flammability Rating
At 1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
Note: The voltage on any input or I/O pin cannot exceed the power pin during power-up.
Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Supply Voltage Range
3.0
2.25
3.3
2.5
3.6
2.75
V
TPU
Power-up Time for VDD to Reach Minimum Specified Voltage (power ramp
must be monotonic)
0.05
500
ms
TA
Ambient Temperature (Commercial)
0
70
°C
TA
Ambient Temperature (Industrial)
–40
85
°C
DC Electrical Characteristics
Parameter
Description
Condition
Min
Typ
Max
Unit
VOH
LVPECL High Output Voltage
VDD = 3.3 V or 2.5 V, RTERM = 50 Ω to
VDD – 2.0 V
VDD – 1.15
VDD
0.75
V
VOL
LVPECL Low Output Voltage
VDD = 3.3 V or 2.5 V, RTERM = 50 Ω to
VDD – 2.0 V
VDD – 2.0
VDD
1.625
V
VOD1
LVPECL Output Voltage Swing
(VOH – VOL)
VDD = 3.3 V or 2.5 V, RTERM = 50 Ω to
VDD – 2.0 V
600
1000
mV
VOD2
LVPECL Output Voltage Swing
(VOH – VOL)
VDD = 2.5 V, RTERM = 50 Ω to VDD
1.4 V
500
1000
mV
VOCM
LVPECL Output Common Mode
Voltage (VOH + VOL)/2
VDD = 2.5 V, RTERM = 50 Ω to VDD
1.4 V
1.2
V
VIH
CMOS Input High Voltage
0.7 × VDD
––
V
VIL
CMOS Input Low Voltage
0.3 × VDD
V
RUP
Internal Pull-up Resistor
100
k
Ω
IIH
CMOS Input High Current
VIN = VDD
––
10
μA
IIL
CMOS Input Low Current
VIN = VSS
120
μA
VVIN
VIN Input Voltage
0
VDD
V
IIVIN
VIN Input Current
VSS ≤ VIN ≤ VDD
––
10
μA
LIN
VIN to fOUT Linearity
0.2 × VDD ≤ VIN ≤ 0.8 × VDD
–1
%
IOZ
Output Leakage Current
Three-state output, PD#/OE = VSS
–35
35
μA
IDD
Operating Supply Current
VDD = 3.3 V or 2.5 V, CLK = 150 MHz,
CLOAD = 0, PD#/OE = VDD
100
mA
ISB
Standby Supply Current
PD# = VSS
––
1
mA
[+] Feedback


유사한 부품 번호 - CY2V014

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V9950AC CYPRESS-CY2V9950AC Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V9950ACT CYPRESS-CY2V9950ACT Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V9950AI CYPRESS-CY2V9950AI Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
More results

유사한 설명 - CY2V014

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
7311D NDK-7311D Datasheet
77Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
BJ-SERIES TXC-BJ-SERIES Datasheet
961Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
CJ-SERIES TXC-CJ-SERIES Datasheet
942Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com