전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY2XP311 데이터시트(PDF) 11 Page - Cypress Semiconductor

부품명 CY2XP311
상세설명  312.5 MHz LVPECL Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP311 데이터시트(HTML) 11 Page - Cypress Semiconductor

Back Button CY2XP311 Datasheet HTML 6Page - Cypress Semiconductor CY2XP311 Datasheet HTML 7Page - Cypress Semiconductor CY2XP311 Datasheet HTML 8Page - Cypress Semiconductor CY2XP311 Datasheet HTML 9Page - Cypress Semiconductor CY2XP311 Datasheet HTML 10Page - Cypress Semiconductor CY2XP311 Datasheet HTML 11Page - Cypress Semiconductor CY2XP311 Datasheet HTML 12Page - Cypress Semiconductor CY2XP311 Datasheet HTML 13Page - Cypress Semiconductor CY2XP311 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CY2XP311
Document Number: 001-59931 Rev. *E
Page 11 of 14
Package Drawing and Dimensions
Figure 13. 8-pin TSSOP (4.40 mm Body) Package Outline, 51-85093
51-85093 *E


유사한 부품 번호 - CY2XP311

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY2XP31 CYPRESS-CY2XP31 Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXCT CYPRESS-CY2XP31ZXCT Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXCT CYPRESS-CY2XP31ZXCT Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
More results

유사한 설명 - CY2XP311

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY2XP31 CYPRESS-CY2XP31_11 Datasheet
286Kb / 10P
   312.5 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
348Kb / 8P
   312.5 MHz LVPECL Clock Generator
logo
ON Semiconductor
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Cypress Semiconductor
CY2XP21ZXC CYPRESS-CY2XP21ZXC Datasheet
237Kb / 7P
   125 MHz LVPECL Clock Generator
CY2XP21 CYPRESS-CY2XP21 Datasheet
231Kb / 7P
   125 MHz LVPECL Clock Generator
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
   3.3V, 250MHZ LVPECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com