전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CY7C1460KV25 데이터시트(PDF) 21 Page - Cypress Semiconductor

부품명 CY7C1460KV25
상세설명  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV25 데이터시트(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C1460KV25 Datasheet HTML 17Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 18Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 19Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 20Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 21Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 22Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 23Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 24Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Document Number: 001-66679 Rev. *J
Page 21 of 32
CY7C1460KV25/CY7C1462KV25
CY7C1460KVE25/CY7C1462KVE25
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. User guidelines are not tested.
Storage temperature ................................ –65 °C to +150 °C
Ambient temperature
with power applied ................................... –55 °C to +125 °C
Supply voltage on VDD relative to GND .......–0.5 V to +3.6 V
Supply voltage on VDDQ relative to GND ...... –0.5 V to +VDD
DC to outputs in tristate ....................–0.5 V to VDDQ + 0.5 V
DC input voltage ................................. –0.5 V to VDD + 0.5 V
Current into outputs (LOW) ........................................ 20 mA
Static discharge voltage
(per MIL-STD-883, method 3015) ......................... > 2001 V
Latch-up current ................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VDD
VDDQ
Commercial
0 °C to +70 °C
2.5 V
+ 5% 2.5 V – 5% to
VDD
Industrial
–40 °C to +85 °C
Neutron Soft Error Immunity
Parameter
Description
Test
Conditions Typ Max* Unit
LSBU
(Device
without
ECC)
Logical
Single-Bit
Upsets
25 °C
<5
5
FIT/
Mb
LSBU
(Device with
ECC)
0
0.01
FIT/
Mb
LMBU (All
Devices)
Logical
Multi-Bit
Upsets
25 °C
0
0.01
FIT/
Mb
SEL (All
Devices)
Single Event
Latch up
85 °C
0
0.1
FIT/
Dev
* No LMBU or SEL events occurred during testing; this column represents a
statistical
2, 95% confidence limit calculation. For more details refer to Application
Note AN54908 “Accelerated Neutron SER Testing and Calculation of Terrestrial
Failure Rates”.
Electrical Characteristics
Over the Operating Range
Parameter [16, 17]
Description
Test Conditions
Min
Max
Unit
VDD
Power supply voltage
2.375
2.625
V
VDDQ
I/O supply voltage
for 2.5 V I/O
2.375
VDD
V
VOH
Output HIGH voltage
for 2.5 V I/O, IOH =1.0 mA
2.0
V
VOL
Output LOW voltage
for 2.5 V I/O, IOL =1.0 mA
0.4
V
VIH
Input HIGH voltage [16]
for 2.5 V I/O
1.7
VDD + 0.3 V
V
VIL
Input LOW voltage [16]
for 2.5 V I/O
–0.3
0.7
V
IX
Input leakage current except ZZ
and MODE
GND
 VI  VDDQ
–5
5
A
Input current of MODE
Input = VSS
–30
A
Input = VDD
–5
A
Input current of ZZ
Input = VSS
–5
A
Input = VDD
–30
A
IOZ
Output leakage current
GND
 VI  VDDQ, output disabled
-5
5
A
Notes
16. Overshoot: VIH(AC) < VDD +1.5 V (Pulse width less than tCYC/2), undershoot: VIL(AC) > –2 V (Pulse width less than tCYC/2).
17. TPower-up: Assumes a linear ramp from 0 V to VDD (min) within 200 ms. During this time VIH < VDD and VDDQ < VDD.


유사한 부품 번호 - CY7C1460KV25

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXC CYPRESS-CY7C1460KV33-167AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXI CYPRESS-CY7C1460KV33-167AXI Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167BZC CYPRESS-CY7C1460KV33-167BZC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-200AXC CYPRESS-CY7C1460KV33-200AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

유사한 설명 - CY7C1460KV25

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com