전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBLB-34 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 KBLB-34
상세설명  OSRAM OSTAR Stage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBLB-34 데이터시트(HTML) 3 Page - OSRAM GmbH

  KBLB-34 Datasheet HTML 1Page - OSRAM GmbH KBLB-34 Datasheet HTML 2Page - OSRAM GmbH KBLB-34 Datasheet HTML 3Page - OSRAM GmbH KBLB-34 Datasheet HTML 4Page - OSRAM GmbH KBLB-34 Datasheet HTML 5Page - OSRAM GmbH KBLB-34 Datasheet HTML 6Page - OSRAM GmbH KBLB-34 Datasheet HTML 7Page - OSRAM GmbH KBLB-34 Datasheet HTML 8Page - OSRAM GmbH KBLB-34 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Version 2.1 (not for new design)
LE RTDUW S2W
2017-06-26
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 85
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 85
°C
Sperrschichttemperatur
Junction temperature
T
j
125
°C
Durchlassstrom pro Chip DC
Forward current per chip DC
(T
S = 25°C)
I
F
100 ... 1000
mA
Durchlassstrom gepulst pro Chip
Forward current pulsed per chip
(D = 0.5; f = 120 Hz; T
S = 25 °C)
I
F pulse
100 ... 1500
mA
Sperrspannung pro Chip DC
Reverse voltage per chip DC
V
R
not designed for reverse
operation
V


유사한 부품 번호 - KBLB-34

제조업체부품명데이터시트상세설명
logo
SynSemi, Inc.
KBL SYNSEMI-KBL Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Continental Device Indi...
KBL CDIL-KBL Datasheet
149Kb / 3P
   KBL (4 Leads) In-line Leaded Package
logo
YENYO TECHNOLOGY Co., L...
KBL YENYO-KBL Datasheet
394Kb / 1P
   Dimensions in inches and
logo
Mini-Circuits
KBL-1.5FT-LOW MINI-KBL-1.5FT-LOW Datasheet
334Kb / 1P
   Armored Test Cable
KBL-1.5FT-LOW++ MINI-KBL-1.5FT-LOW+ Datasheet
334Kb / 1P
   Armored Test Cable
More results

유사한 설명 - KBLB-34

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LERTDCYS2WN OSRAM-LERTDCYS2WN_18 Datasheet
2Mb / 25P
   OSRAM OSTAR Stage
LERTDUWS2WP OSRAM-LERTDUWS2WP Datasheet
1Mb / 24P
   OSRAM OSTAR Stage
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
   OSRAM OSTAR Stage
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
   OSRAM OSTAR Medical
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
   OSRAM OSTAR Observation (850nm)
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
   OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
   OSRAM OSTAR Projection Compact
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
   OSRAM OSTAR Observation (850nm)
LEBAQ6WM OSRAM-LEBAQ6WM Datasheet
714Kb / 18P
   OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com