전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE91385 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE91385
상세설명  Low PIM 4.3-10 Male to 4.3-10 Male Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91385 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91385 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91385 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91385 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91385 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.34 in [34.04 mm]
Width
0.86 in [21.84 mm]
Weight
0.117 lbs [53.07 g]
.
Description
Connector 1
Connector 2
Type
4.3-10 Male
4.3-10 Male
Polarity
Standard
Standard
Mating Cycles
100
100
Hex Size
22 mm
22 mm
Contact Retention Force, Min
6 lbs [2.72 Kg]
6 lbs [2.72 Kg]
.
Material Specifications
Connector 1
Connector 2
Description
Material
Plating
Material
Plating
Type
4.3-10 Male
4.3-10 Male
Contact
Bronze
Silver
Bronze
Silver
Insulation
PTFE
PTFE
Body
Brass
Tri-Metal
Brass
Tri-Metal
Gasket
Silicone
Coupling Nut
Brass
Tri-Metal
Brass
Tri-Metal
. .
Environmental Specifications
Temperature
Operating Range
-55 to +90 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE91385 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 4.3-10 Male to 4.3-10 Male Adapter PE91385
Low PIM 4.3-10 Male to 4.3-10 Male Adapter
RF Adapters Technical Data Sheet
PE91385


유사한 부품 번호 - PE91385

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
   SMC Jack to BNC Male Adapter
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
   SMC Jack to BNC Male Adapter
PE91380 PASTERNACK-PE91380 Datasheet
364Kb / 4P
   SMA Female to SSMC Plug Adapter
PE91381 PASTERNACK-PE91381 Datasheet
347Kb / 3P
   TNC Tee Adapter Female-Female-Female
PE91386 PASTERNACK-PE91386 Datasheet
357Kb / 4P
   Low PIM 4.3-10 Female to 4.3-10 Female Adapter
More results

유사한 설명 - PE91385

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE91387 PASTERNACK-PE91387 Datasheet
357Kb / 4P
   Low PIM 4.3-10 Male to 4.3-10 Female Adapter
PE3C4142 PASTERNACK-PE3C4142_V01 Datasheet
533Kb / 6P
   Plenum 4.3-10 Male to 4.3-10 Male Low PIM Cable
PE91388 PASTERNACK-PE91388 Datasheet
357Kb / 4P
   Low PIM N Male to 4.3-10 Female Adapter
PE91389 PASTERNACK-PE91389 Datasheet
357Kb / 4P
   Low PIM 4.3-10 Male to N Female Adapter
PE3C5833 PASTERNACK-PE3C5833 Datasheet
522Kb / 6P
   Plenum 4.3-10 Male to 4.3-10 Female Low PIM Cable
PE3C4147 PASTERNACK-PE3C4147_V01 Datasheet
523Kb / 6P
   Plenum 4.3-10 Male Right Angle to 4.3-10 Male Low PIM Cable
PE91386 PASTERNACK-PE91386 Datasheet
357Kb / 4P
   Low PIM 4.3-10 Female to 4.3-10 Female Adapter
PE3C4146 PASTERNACK-PE3C4146_V01 Datasheet
534Kb / 6P
   Plenum 4.3-10 Male Right Angle to 4.3-10 Male Right Angle Low PIM Cable
PE3C4141 PASTERNACK-PE3C4141_V01 Datasheet
507Kb / 6P
   Plenum N Male to 4.3-10 Male Low PIM Cable
PE3C5884 PASTERNACK-PE3C5884 Datasheet
666Kb / 6P
   Plenum 4.3-10 Male to SMA Male Low PIM Cable
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com