전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT28C64BKA-12T 데이터시트(PDF) 9 Page - Catalyst Semiconductor

부품명 CAT28C64BKA-12T
상세설명  64K-Bit CMOS PARALLEL E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C64BKA-12T 데이터시트(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT28C64BKA-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C64BKA-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C64BKA-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C64BKA-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C64BKA-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C64BKA-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C64BKA-12T Datasheet HTML 10Page - Catalyst Semiconductor CAT28C64BKA-12T Datasheet HTML 11Page - Catalyst Semiconductor CAT28C64BKA-12T Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT28C64B
9
Doc. No. 25006-0A 2/98 P-1
WE
CE
OE
I/O6
tOEH
tOE
tOES
tWC
(1)
(1)
ADDRESS
CE
WE
OE
I/O7
DIN = X
DOUT = X
DOUT = X
tOE
tOEH
tWC
tOES
DATA Polling
DATA polling is provided to indicate the completion of
write cycle. Once a byte write or page write cycle is
initiated, attempting to read the last byte written will
output the complement of that data on I/O7 (I/O0–I/O6
are indeterminate) until the programming cycle is com-
plete. Upon completion of the self-timed write cycle, all
I/O’s will output true data during a read cycle.
Toggle Bit
In addition to the DATA Polling feature, the device offers
an additional method for determining the completion of
a write cycle. While a write cycle is in progress, reading
data from the device will result in I/O6 toggling between
one and zero. However, once the write is complete, I/O6
stops toggling and valid data can be read from the
device.
Figure 7. DATA Polling
28C64B F10
Figure 8. Toggle Bit
28C64B F11
Note:
(1)
Beginning and ending state of I/O6 is indeterminate.


유사한 부품 번호 - CAT28C64BKA-12T

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT28C64BKA-12T CATALYST-CAT28C64BKA-12T Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

유사한 설명 - CAT28C64BKA-12T

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C65B CATALYST-CAT28C65B Datasheet
60Kb / 11P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C64A CATALYST-CAT28C64A Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com