전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT28F032B3T110 데이터시트(PDF) 7 Page - Intel Corporation

부품명 GT28F032B3T110
상세설명  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F032B3T110 데이터시트(HTML) 7 Page - Intel Corporation

Back Button GT28F032B3T110 Datasheet HTML 3Page - Intel Corporation GT28F032B3T110 Datasheet HTML 4Page - Intel Corporation GT28F032B3T110 Datasheet HTML 5Page - Intel Corporation GT28F032B3T110 Datasheet HTML 6Page - Intel Corporation GT28F032B3T110 Datasheet HTML 7Page - Intel Corporation GT28F032B3T110 Datasheet HTML 8Page - Intel Corporation GT28F032B3T110 Datasheet HTML 9Page - Intel Corporation GT28F032B3T110 Datasheet HTML 10Page - Intel Corporation GT28F032B3T110 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
7
PRELIMINARY
A
17
GND
A
20
A
19
A
10
DQ
7
DQ
6
DQ
5
DQ
4
V
CCQ
V
CC
NC
DQ
3
DQ
2
DQ
1
DQ
0
OE#
GND
CE#
A
0
A
16
A
15
A
14
A
13
A
12
A
11
A
9
A
8
WE#
RP#
V
PP
WP#
A
18
A
7
A
6
A
5
A
4
A
3
A
2
A
1
16 M
8 M
Advanced Boot Block
40-Lead TSOP
10 mm x 20 mm
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
0580_01
NOTES:
1.
40-Lead TSOP available for 8- and 16-Mbit densities only.
2.
Lower densities will have NC on the upper address pins. For example, an 8-Mbit device will have NC on Pin 38.
Figure 1. 40-Lead TSOP Package for x8 Configurations
Advanced Boot Block
48-Lead TSOP
12 mm x 20 mm
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
16
V
CCQ
GND
DQ
15
DQ
7
DQ
14
DQ
6
DQ
13
DQ
5
DQ
12
DQ
4
V
CC
DQ
11
DQ
3
DQ
10
DQ
2
DQ
9
DQ
1
DQ
8
DQ
0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
A
15
A
14
A
13
A
12
A
11
A
10
A
9
A
8
NC
A
20
WE#
RP#
V
PP
WP#
A
19
A
18
A
17
A
7
A
6
A
5
21
22
23
24
OE#
GND
CE#
A
0
28
27
26
25
A
4
A
3
A
2
A
1
32 M
4 M
16 M
8 M
0580_02
NOTE:
Lower densities will have NC on the upper address pins. For example, an 8-Mbit device will have NC on Pins 9 and 15.
Figure 2. 48-Lead TSOP Package for x16 Configurations


유사한 부품 번호 - GT28F032B3T110

제조업체부품명데이터시트상세설명
logo
Intel Corporation
GT28F032C3B110 INTEL-GT28F032C3B110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3B90 INTEL-GT28F032C3B90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3T110 INTEL-GT28F032C3T110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3T90 INTEL-GT28F032C3T90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

유사한 설명 - GT28F032B3T110

제조업체부품명데이터시트상세설명
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com