전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT28F032B3T110 데이터시트(PDF) 8 Page - Intel Corporation

부품명 GT28F032B3T110
상세설명  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F032B3T110 데이터시트(HTML) 8 Page - Intel Corporation

Back Button GT28F032B3T110 Datasheet HTML 4Page - Intel Corporation GT28F032B3T110 Datasheet HTML 5Page - Intel Corporation GT28F032B3T110 Datasheet HTML 6Page - Intel Corporation GT28F032B3T110 Datasheet HTML 7Page - Intel Corporation GT28F032B3T110 Datasheet HTML 8Page - Intel Corporation GT28F032B3T110 Datasheet HTML 9Page - Intel Corporation GT28F032B3T110 Datasheet HTML 10Page - Intel Corporation GT28F032B3T110 Datasheet HTML 11Page - Intel Corporation GT28F032B3T110 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
8
PRELIMINARY
A
14
A
15
A
16
A
17
V
CCQ
A
12
A
10
A
13
NC
A
11
A
8
WE#
A
9
D
5
D
6
V
PP
RP#
NC
NC
WP#
A
19
A
21
D
2
D
3
A
20
A
18
A
6
NC
NC
A
7
A
5
A
3
CE#
D
0
A
4
A
2
A
1
A
0
GND
GND
D
7
NC
D
4
V
CC
NC
D
1
OE#
A
B
C
D
E
F
13
25
47
68
16M
32M
8M
0580_04
NOTE:
1.
Shaded connections indicate the upgrade address connections. Lower density devices will not have the upper address
solder balls. Routing is not recommended in this area. A20 is the upgrade address for the 16-Mbit device. A21 is the
upgrade address for the 32-Mbit device.
2.
4-Mbit density not available in
µBGA* CSP.
Figure 3. x8 48-Ball
µBGA* Chip Size Package (Top View, Ball Down)


유사한 부품 번호 - GT28F032B3T110

제조업체부품명데이터시트상세설명
logo
Intel Corporation
GT28F032C3B110 INTEL-GT28F032C3B110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3B90 INTEL-GT28F032C3B90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3T110 INTEL-GT28F032C3T110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F032C3T90 INTEL-GT28F032C3T90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

유사한 설명 - GT28F032B3T110

제조업체부품명데이터시트상세설명
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com