전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ8-QW27 데이터시트(PDF) 2 Page - Lumileds Lighting Company

부품명 LMZ8-QW27
상세설명  Best combination of brightness, uniformity and luminance enabling precision light control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ8-QW27 데이터시트(HTML) 2 Page - Lumileds Lighting Company

  LMZ8-QW27 Datasheet HTML 1Page - Lumileds Lighting Company LMZ8-QW27 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
PB136 LUXEON MZ Product Brief 20151015
LUXOEN MZ White product performance at test current, T
j=85°C.
VOLTAGE
NOMINAL
CCT [2]
MINIMUM
CRI
LUMINOUS FLUX [1] (lm)
TYPICAL LUMINOUS
EFFICACY (lm/W)
TEST CURRENT
(mA)
PART NUMBER
MINIMUM
TYPICAL
12V
3000K
70
805
840
100
700
LMZ7-SW30
4000K
70
870
940
112
700
LMZ7-SW40
5000K
70
870
950
113
700
LMZ7-SW50
5700K
70
900
980
117
700
LMZ7-SW57
6500K
70
900
980
117
700
LMZ7-SW65
2700K
80
710
760
90
700
LMZ8-SW27
3000K
80
730
781
93
700
LMZ8-SW30
3500K
80
730
800
95
700
LMZ8-SW35
4000K
80
840
880
105
700
LMZ8-SW40
5000K
80
840
890
106
700
LMZ8-SW50
2700K
90
560
600
71
700
LMZ9-SW27
3000K
90
600
640
76
700
LMZ9-SW30
5700K
90
700
770
92
700
LMZ9-SW57
6V
3000K
70
805
840
100
1400
LMZ7-RW30
4000K
70
870
940
112
1400
LMZ7-RW40
5000K
70
870
950
113
1400
LMZ7-RW50
5700K
70
900
980
117
1400
LMZ7-RW57
6500K
70
900
980
117
1400
LMZ7-RW65
2700K
80
710
760
90
1400
LMZ8-RW27
3000K
80
730
781
93
1400
LMZ8-RW30
3500K
80
730
800
95
1400
LMZ8-RW35
4000K
80
840
880
105
1400
LMZ8-RW40
5000K
80
840
890
106
1400
LMZ8-RW50
2700K
90
560
600
71
1400
LMZ9-RW27
3000K
90
600
640
76
1400
LMZ9-RW30
5700K
90
700
770
92
1400
LMZ9-RW57
3V
3000K
70
805
840
100
2800
LMZ7-QW30
4000K
70
870
940
112
2800
LMZ7-QW40
5000K
70
870
950
113
2800
LMZ7-QW50
5700K
70
900
980
117
2800
LMZ7-QW57
6500K
70
900
980
117
2800
LMZ7-QW65
2700K
80
710
760
90
2800
LMZ8-QW27
3000K
80
730
781
93
2800
LMZ8-QW30
3500K
80
730
800
95
2800
LMZ8-QW35
4000K
80
840
880
105
2800
LMZ8-QW40
5000K
80
840
890
106
2800
LMZ8-QW50
2700K
90
560
600
71
2800
LMZ9-QW27
3000K
90
600
640
76
2800
LMZ9-QW30
5700K
90
700
770
92
2800
LMZ9-QW57
Notes:
1. Lumileds maintains a tolerance of ±6.5% on flux measurements.
2. Correlated color temperature is based upon mounted die on highly reflective surface at T
j=25°C.
LUXEON MZ Royal Blue product performance at test current, T
j=85°C.
VOLTAGE
DOMINANT WAVELENGTH (nm)
RADIOMETRIC POWER (mW)
TEST CURRENT
(mA)
PART NUMBER
MINIMUM
MAXIMUM
MINIMUM
TYPICAL
12V
445
460
3500
3600
700
LMZ0-SR00
6V
445
460
3500
3600
1400
LMZ0-RR00
3V
445
460
3500
3600
2800
LMZ0-QR00
Notes :
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.


유사한 부품 번호 - LMZ8-QW27

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
LMZ8-QW27 LUMILEDS-LMZ8-QW27 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

유사한 설명 - LMZ8-QW27

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com