전자부품 데이터시트 검색엔진 |
|
2N3498 데이터시트(PDF) 2 Page - Microsemi Corporation |
|
2N3498 데이터시트(HTML) 2 Page - Microsemi Corporation |
2 / 2 page 2N3498, L, 2N3499, L, 2N3500, L, 2N3501, L JAN SERIES ELECTRICAL CHARACTERISTICS (con’t) Characteristics Symbol Min. Max. Unit ON CHARACTERISTICS (3) Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10 Vdc 2N3498, 2N3500 2N3499, 2N3501 IC = 1.0 mAdc, VCE = 10 Vdc 2N3498, 2N3500 2N3499, 2N3501 IC = 10 mAdc, VCE = 10 Vdc 2N3498, 2N3500 2N3499, 2N3501 IC = 150 mAdc, VCE = 10 Vdc 2N3498, 2N3500 2N3499, 2N3501 IC = 300 mAdc, VCE = 10 Vdc 2N3500 2N3501 IC = 500 mAdc, VCE = 10 Vdc 2N3498 2N3499 hFE 20 35 25 50 35 75 40 100 15 20 15 20 120 300 Collector-Emitter Saturation Voltage IC = 10 mAdc, IB = 1.0 mAdc All Types IC = 300 mAdc, IB = 30 mAdc 2N3498, 2N349 IC = 150 mAdc, IB = 15 mAdc 2N3500, 2N3501 VCE(sat) 0.2 0.6 0.4 Vdc Base-Emitter Saturation Voltage IC = 10 mAdc, IB = 1.0 mAdc All Types IC = 300 mAdc, IB = 30 mAdc 2N3498, 2N3499 IC = 150 mAdc, IB = 15 mAdc 2N3500, 2N3501 VBE(sat) 0.8 1.4 1.2 Vdc DYNAMIC CHARACTERISTICS Forward Current Transfer Ratio, Magnitude IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz hfe 1.5 8.0 Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz 2N3498, 2N3499 2N3500, 2N3501 Cobo 10 8.0 pF Input Capacitance VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz Cibo 80 pF SWITCHING CHARACTERISTICS Turn-On Time VEB = 5 Vdc; IC = 150 mAdc; IB1 = 15 mAdc ton 115 ηs Turn-Off Time IC = 150 mAdc; IB1 = IB2 = -15 mAdc toff 1150 ηs SAFE OPERATING AREA DC Tests TC = +25 0C, t r ≥ 10 ηs; 1 Cycle, t = 1.0 s Test 1 VCE = 10 Vdc, IC = 500 mAdc 2N3498, 2N3499 VCE = 16.67 Vdc, IC = 300 mAdc 2N3500, 2N3501 Test 2 VCE = 50 Vdc, IC = 100 mAdc All Types Test 3 VCE = 80 Vdc, IC = 40 mAdc All Types Clamped Switching TA = +25 0C Test 1 IB = 85 mAdc, IC = 500 mAdc 2N3498, 2N3499 IB = 50 mAdc, IC = 300 mAdc 2N3500, 2N3501 (3) Pulse Test: Pulse Width = 300 µs, Duty Cycle ≤ 2.0%. 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 2 of 2 |
유사한 부품 번호 - 2N3498 |
|
유사한 설명 - 2N3498 |