전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCYG6SP 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 LCYG6SP
상세설명  Advanced Power TOPLED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYG6SP 데이터시트(HTML) 4 Page - OSRAM GmbH

  LCYG6SP Datasheet HTML 1Page - OSRAM GmbH LCYG6SP Datasheet HTML 2Page - OSRAM GmbH LCYG6SP Datasheet HTML 3Page - OSRAM GmbH LCYG6SP Datasheet HTML 4Page - OSRAM GmbH LCYG6SP Datasheet HTML 5Page - OSRAM GmbH LCYG6SP Datasheet HTML 6Page - OSRAM GmbH LCYG6SP Datasheet HTML 7Page - OSRAM GmbH LCYG6SP Datasheet HTML 8Page - OSRAM GmbH LCYG6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2014-07-28
4
Version 1.1
LCY G6SP
Characteristics (T
S = 25 °C; IF = 140 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 21
Farbkoordinaten nach CIE 1931 2) Seite 21
(typ.)
(typ.)
Cx
Cy
0.56
0.42
-
-
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage 3) page 21
Durchlassspannung 3) Seite 21
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.90
3.30
4.10
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 21
(typ.)
(max.)
R
th JS real
R
th JS real
35
40
K/W
K/W
"Electrical" thermal resistance junction / solder
point
4) page 21
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4) Seite 21
(with efficiency η
e = 18 %)
(typ.)
(max.)
R
th JS el
R
th JS el
29
33
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


유사한 부품 번호 - LCYG6SP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCYG6SP-CBDB-5E OSRAM-LCYG6SP-CBDB-5E Datasheet
640Kb / 22P
   Exterior Automotive Lighting
More results

유사한 설명 - LCYG6SP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
   Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
   Advanced Power TOPLED
LTG6SP OSRAM-LTG6SP_15 Datasheet
663Kb / 22P
   Advanced Power TOPLED
LRG6SP OSRAM-LRG6SP_17 Datasheet
679Kb / 21P
   Advanced Power TOPLED
LSG6SP OSRAM-LSG6SP Datasheet
610Kb / 21P
   Advanced Power TOPLED
LRG6SP OSRAM-LRG6SP_18 Datasheet
958Kb / 21P
   Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_16 Datasheet
471Kb / 21P
   Advanced Power TOPLED
LTG5AP OSRAM-LTG5AP Datasheet
519Kb / 19P
   Advanced Power TOPLED Plus
LBG6SP OSRAM-LBG6SP Datasheet
253Kb / 17P
   Advanced Power TOPLED Enhanced optical Power LED
LWG6SP OSRAM-LWG6SP Datasheet
257Kb / 17P
   Advanced Power TOPLED Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com