전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DS159 데이터시트(PDF) 4 Page - Lumileds Lighting Company

부품명 DS159
부품 상세설명  Linear LED module on an ultra-slim and rigid substrate enabling high efficacy designs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS159 데이터시트(HTML) 4 Page - Lumileds Lighting Company

  DS159 Datasheet HTML 1Page - Lumileds Lighting Company DS159 Datasheet HTML 2Page - Lumileds Lighting Company DS159 Datasheet HTML 3Page - Lumileds Lighting Company DS159 Datasheet HTML 4Page - Lumileds Lighting Company DS159 Datasheet HTML 5Page - Lumileds Lighting Company DS159 Datasheet HTML 6Page - Lumileds Lighting Company DS159 Datasheet HTML 7Page - Lumileds Lighting Company DS159 Datasheet HTML 8Page - Lumileds Lighting Company DS159 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS159 LUXEON XR-3020 Product Datasheet 20160316 ©2016 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product performance of LUXEON XR-3020 at 100mA/LED, T
c=45°C .
CONFIGURATION NOMINAL
CCT
MINIMUM
CRI [1]
LUMINOUS FLUX [2] (lm)
TYPICAL
LUMINOUS
EFFICACY
(lm/W)
TYPICAL
DRIVE
CURRENT
(mA)
PART NUMBER
MINIMUM
TYPICAL
280mm,
24-up
(2 parallel x
12 series)
3000K
80
1012
1050
151
200
L218-3080024C30000
3500K
80
1029
1070
153
200
L218-3580024C30000
4000K
80
1049
1088
156
200
L218-4080024C30000
5000K
80
1049
1088
156
200
L218-5080024C30000
4000K
90
850
890
127
200
L218-4090024C30000
560mm,
48-up
(4 parallel x
12 series)
3000K
80
2024
2100
151
400
L218-3080048C00000
3500K
80
2058
2140
153
400
L218-3580048C00000
4000K
80
2098
2176
156
400
L218-4080048C00000
5000K
80
2098
2176
156
400
L218-5080048C00000
4000K
90
1700
1780
127
400
L218-4090048C00000
Notes for Table 1:
1. Lumileds maintains a tolerance of ±2 on CRI measurements.
2. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
Electrical and Thermal Characteristics
Table 2 . Electrical and thermal characteristics for LUXEON XR-3020 at 100mA/LED, T
c=45°C .
PART NUMBER
FORWARD VOLTAGE (V) [1]
TYPICAL THERMAL
RESISTANCE — JUNCTION
TO HEAT SINK (ºC/W)
TYPICAL THERMAL
RESISTANCE — JUNCTION
TO SOLDER PAD (ºC/W) [2]
MINIMUM
TYPICAL
MAXIMUM
L218-xxxx024C30000
34
34.8
36
2.0
13
L218-xxxx048C00000
34
34.8
36
1.0
13
Notes for Table 2:
1. Lumileds maintains a tolerance of ±0.1V on forward voltage measurements.
2. Typical thermal resistance — junction to solder pad, is per LED.


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn