전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

NJM2573 데이터시트(HTML) 2 Page - New Japan Radio

부품명 NJM2573
상세내용  LOW VOLTAGE 3ch VIDEO AMPLIFIER WITH LPF
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NJRC [New Japan Radio]
홈페이지  http://www.njr.co.jp/index_e.htm
Logo 

NJM2573 데이터시트(HTML) 2 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
PRELIMINARY
Ver.1
NJM2573
- 2 -
sABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
Power Dissipation
PD
TBD
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
sELECTRICAL CHARACTERISTICS (V
+=3.0V,R
L=150
Ω,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vopr
2.8
3.0
5.5
V
Operating Current
ICC
No Signal
-
18.0
26.0
mA
Operating Current
at Power Save
Isave
Power Save Mode
-
60
90
uA
Vomv
f=1kHz,THD=1%, CLAMP Input
2.2
2.4
-
Maximum Output Voltage Swing
Vom
RGB
f=1kHz,THD=1%, BIAS Input
1.4
2.2
-
Vp-p
Voltage Gain
Gv
Vin=100kHz, 1.0Vp-p,
Sin Signal (CLAMP)
Vin=100kHz 0.7Vp-p,
Sin Signal (BIAS)
6.1
6.5
6.9
dB
Gfy4.5M
Vin=4.5MHz/100kHz, 1.0Vp-p(CLAMP)
Vin=4.5MHz/100kHz, 0.7Vp-p(BIAS)
-0.5
0.0
+0.5
Gfy8M
Vin=8MHz/100kHz, 1.0Vp-p(CLAMP)
Vin=8MHz/100kHz, 0.7Vp-p(BIAS)
-
-2.0
-
Low Pass Filter Characteristic
Gfy16M
Vin=16MHz/100kHz, 1.0Vp-p(CLAMP)
Vin=16MHz/100kHz, 0.7Vp-p(BIAS)
-
-12
-
dB
Differential Gain
DG
(CLAMP) Vin=1.0Vp-p
Input 10step Video Signal
-
0.2
-
%
Differential Phase
DP
(CLAMP) Vin=1.0Vp-p
Input 10step Video Signal
-
0.2
-
deg
S/N Ratio
SNv
(CLAMP) Vin=1.0Vp-p, RL=75
Ω,
100% White Video Signal
-
+60
-
dB
2nd. Distortion
Hv
(CLAMP) Vin=1.0Vp-p, 3.58MHz,
Sin Video Signal, RL=75
(BIAS) Vin=0.7Vp-p, 3.58MHz,
Sin Video Signal, RL=75
-
-40
-
dB
SW Change Voltage High Level
VthPH
Active
1.8
-
V
+
SW Change Voltage Low Level
VthPL
Non-active
0
-
0.3
V
sCONTROL TERMINAL
PARAMETER
STATUS
NOTE
H
Power Save: ON
L
Power Save: OFF
Power Save
OPEN
Power Save: OFF
H
BIAS
L
CLAMP
CLAMP/BIAS SW
OPEN
CLAMP


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn