전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5USBC412I 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TS5USBC412I
상세설명  Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC412I 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS5USBC412I Datasheet HTML 3Page - Texas Instruments TS5USBC412I Datasheet HTML 4Page - Texas Instruments TS5USBC412I Datasheet HTML 5Page - Texas Instruments TS5USBC412I Datasheet HTML 6Page - Texas Instruments TS5USBC412I Datasheet HTML 7Page - Texas Instruments TS5USBC412I Datasheet HTML 8Page - Texas Instruments TS5USBC412I Datasheet HTML 9Page - Texas Instruments TS5USBC412I Datasheet HTML 10Page - Texas Instruments TS5USBC412I Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
TS5USBC41
www.ti.com
SCDS377 – MARCH 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.6 Dynamic Characteristics
TA = –40°C to +85°C (Industrial), TA = 0℃ to 70℃ (Standard),VCC = 2.3 V to 5.5V, GND = 0V, Typical values are at VCC = 3.3
V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COFF
D+, D- off capacitance
VD+/- = 0 or 3.3 V,
OE = VCC
f = 240 MHz
Switch OFF
1.2
1.6
3.2
pF
D1+, D1-, D2+, D2- off
capacitance
VD+/- = 0 or 3.3 V,
OE = VCC or OE = 0V with SEL1,
SEL2 (switch not selected)
f = 240 MHz
Switch OFF or
not selected
1.2
1.5
3.0
pF
CON
IO pins ON capacitance
(TS5USBC412, TS5USBC412I)
VD+/- = 0 or 3.3 V,
f = 240 MHz
Switch ON
1.4
4.5
6.2
pF
CON
IO pins ON capacitance
(TS5USBC410, TS5USBC410I)
VD+/- = 0 or 3.3 V,
f = 240 MHz
Switch ON
1.4
4.8
6.5
pF
OISO
Differential off isolation
RL = 50 Ω
CL = 5 pF
f = 100 kHz
Refer to Off Isolation Figure
Switch OFF
-90
dB
RL = 50 Ω
CL = 5 pF
f = 240 MHz
Refer to Off Isolation Figure
Switch OFF
-22
dB
XTALK
Channel to Channel crosstalk
RL = 50 Ω
CL = 5 pF
f = 100 kHz
Refer to Crosstalk Figure
Switch ON
-90
dB
BW
Bandwidth
(TS5USBC412, TS5USBC412I)
RL = 50 Ω; Refer to BW and
Insertion Loss Figure
Switch ON
1.2
GHz
BW
Bandwidth
(TS5USBC410, TS5USBC410I)
RL = 50 Ω; Refer to BW and
Insertion Loss Figure
Switch ON
1.1
GHz
ILOSS
Insertion loss
RL = 50 Ω
f = 240 MHz; Refer to BW and
Insertion Loss Figure
Switch ON
-0.7
dB
6.7 Timing Requirements
TA = –40°C to +85°C (Industrial), TA = 0℃ to 70℃ (Standard),VCC = 2.3 V to 5.5V, GND = 0V, Typical values are atVCC = 3.3
V, TA = 25°C, (unless otherwisenoted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tswitch
Switching time between channels
(SEL1, SEL2 to output)
VD+/- = 0.8 V
Refer to Tswitch Timing Figure
RL = 50 Ω,
CL = 5 pF,
VCC = 2.3 V to 5.5 V
0.45
1.2
µs
ton
Device turn on time (OE to output)
VD+/- = 0.8 V
Refer to Ton and Toff Figure
140
250
µs
toff
Device turn off time (OE to output)
VD+/- = 0.8 V
Refer to Ton and Toff Figure
0.75
1
µs
tSK(P)
Skew of opposite transitions of
same output (between D+ and D-)
VD+/- = 0.4 V
Refer to Tsk Figure
RL = 50 Ω,
CL = 1 pF,
VCC = 2.3 V to 5.5 V
9
50
ps
tpd
Propagation delay
VD+/- = 0.4 V
Refer to Tpd Figure
RL = 50 Ω,
CL = 5 pF,
VCC = 2.3 V to 5.5 V
130
180
ps


유사한 부품 번호 - TS5USBC412I

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400I TI1-TS5USBC400I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPR TI1-TS5USBC400IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPT TI1-TS5USBC400IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400YFPR TI1-TS5USBC400YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results

유사한 설명 - TS5USBC412I

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
   16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
   4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com