전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7820DN 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7820DN
상세설명  N-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7820DN 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7820DN Datasheet HTML 1Page - Vishay Siliconix SI7820DN Datasheet HTML 2Page - Vishay Siliconix SI7820DN Datasheet HTML 3Page - Vishay Siliconix SI7820DN Datasheet HTML 4Page - Vishay Siliconix SI7820DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7820DN
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72581
S-32411—Rev. B, 24-Nov-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2
4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 200 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 200 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
10
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 2.6 A
0.200
0.240
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 6 V, ID = 2.5 A
0.210
0.250
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 2.6 A
8
S
Diode Forward Voltagea
VSD
IS = 3.2 A, VGS = 0 V
0.78
1.2
V
Dynamicb
Total Gate Charge
Qg
12.1
18
Gate-Source Charge
Qgs
VDS = 100 V, VGS = 10 V, ID = 2.6 A
2.5
nC
Gate-Drain Charge
Qgd
4.1
Gate Resistance
Rg
f = 1 MHz
1
2.3
3.9
W
Turn-On Delay Time
td(on)
11
20
Rise Time
tr
VDD = 100 V, RL = 100 W
12
20
Turn-Off Delay Time
td(off)
VDD = 100 V, RL = 100 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
30
45
ns
Fall Time
tf
17
30
Source-Drain Reverse Recovery Time
trr
IF = 3.2 A, di/dt = 100 A/ms
65
100
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
123
456
0
2
4
6
8
10
0
1234
5
VGS = 10 thru 6 V
25_C
TC = 125_C
4 V
−55_C
5 V
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)


유사한 부품 번호 - SI7820DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7820DN VISHAY-SI7820DN Datasheet
532Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SI7820DN VISHAY-SI7820DN_V01 Datasheet
532Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7820DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com