전자부품 데이터시트 검색엔진 |
|
ST180C12C1 데이터시트(PDF) 3 Page - International Rectifier |
|
ST180C12C1 데이터시트(HTML) 3 Page - International Rectifier |
3 / 7 page ST180C..C Series 3 Bulletin I25164 rev. C 02/00 www.irf.com di/dt Max. non-repetitive rate of rise Gate drive 20V, 20 Ω, t r ≤ 1µs of turned-on current T J = T J max, anode voltage ≤ 80% V DRM Gate current 1A, di g /dt = 1A/µs V d = 0.67% V DRM, TJ = 25°C I TM = 300A, TJ = T J max, di/dt = 20A/µs , VR = 50V dv/dt = 20V/µs, Gate 0V 100 Ω, t p = 500µs Parameter ST180C..C Units Conditions t d Typical delay time 1.0 Switching t q Typical turn-off time 100 µs 1000 A/µs dv/dt Maximum critical rate of rise of off-state voltage I DRM Max. peak reverse and off-state I RRM leakage current Blocking 500 V/ µsT J = TJ max linear to 80% rated VDRM Parameter ST180C..C Units Conditions 30 mA T J = TJ max, rated V DRM/V RRM applied P GM Maximum peak gate power 10 T J = T J max, t p ≤ 5ms P G(AV) Maximum average gate power 2.0 T J = TJ max, f = 50Hz, d% = 50 I GM Max. peak positive gate current 3.0 A T J = T J max, t p ≤ 5ms +V GM Maximum peak positive gate voltage -V GM Maximum peak negative gate voltage T J = - 40°C mA T J = 25°C T J = 125°C T J = - 40°C VT J = 25°C T J = 125°C I GD DC gate current not to trigger 10 mA Parameter ST180C..C Units Conditions 20 5.0 Triggering TYP. MAX. 180 - 90 150 40 - 2.9 - 1.8 3.0 1.2 - V GD DC gate voltage not to trigger 0.25 V Max. gate current/voltage not to trigger is the max. value which will not trigger any unit with rated V DRM anode-to-cathode applied T J = TJ max Max. required gate trigger/ cur- rent/ voltage are the lowest value which will trigger all units 12V anode-to-cathode applied V GT DC gate voltage required to trigger I GT DC gate current required to trigger W VT J = TJ max, t p ≤ 5ms |
유사한 부품 번호 - ST180C12C1 |
|
유사한 설명 - ST180C12C1 |