전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC90A58F 데이터시트(PDF) 11 Page - Toshiba Semiconductor

부품명 TC90A58F
상세설명  3-Channel AD Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A58F 데이터시트(HTML) 11 Page - Toshiba Semiconductor

Back Button TC90A58F Datasheet HTML 7Page - Toshiba Semiconductor TC90A58F Datasheet HTML 8Page - Toshiba Semiconductor TC90A58F Datasheet HTML 9Page - Toshiba Semiconductor TC90A58F Datasheet HTML 10Page - Toshiba Semiconductor TC90A58F Datasheet HTML 11Page - Toshiba Semiconductor TC90A58F Datasheet HTML 12Page - Toshiba Semiconductor TC90A58F Datasheet HTML 13Page - Toshiba Semiconductor TC90A58F Datasheet HTML 14Page - Toshiba Semiconductor TC90A58F Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TC90A58F
2002-02-06
11
12. Built-in HPLL
The TC90A58F has a built-in horizontal PLL. The following parameters can be set using the I2C bus
registers.
· Divider control (when using internal divider): DIVIIC3~DIVIIC0 in Sub-Address 14H
Can also be set using CKSEL[3:0] (pins 72~75) as well as in the I2C bus register.
CKSEL[3:0] is enabled only when DIVIIC3~DIVIIC0 in is all 0s.
· Selection of phase comparator (PC) in HPLL (PC2 or PC3): PCSEL0~PCSEL1 in Sub-Address 01H
· Selection of divider (internal or external): DIVSEL in Sub-Address 01H
· 1-Vp-p output / full-swing output (APCLK output): OUTSEL in Sub-Address 01H
· HPLL oscillation/oscillation halt: HPLLSTOP in Sub-Address 01H
13. 10-Bit ADC
The TC90A58F can also be used as a 10-bit AD converter. This setting can be made using the M10B bit in
the I2C bus register Sub-Address 1CH.
Note that when the device is used as a 10-bit AD converter, only two channels (the Y and Cb signals) are
output from the following output pins.
Y signal: ROUT[7:0], GOUT[7:6]
Cb signal: GOUT[1:0], BOUT[7:0]
When the TC90A58F is used as a 10-bit AD converter, only certain functions can be used.
Available functions】
1.
Low-pass filter
2.
Output format setting (4:4:4 only)
3.
Y delay (Y signal only)
4.
Color bar generation (4:4:4 only)
5.
HDOUT timing adjustment
6.
VDOUT timing adjustment
8.
I2C bus register setting
9.
Countermeasure against HDIN and VDIN pulse noise
10. Countermeasure against VDIN noise
11. Clamp pulse timing
12. HPLL settings
14. Clamp level setting
Unavailable functions】
Processing for R601, R656, 4:1:1 and 4:2:2 modes (for functions 2, 4 and 7 in the list of available
functions shown above)
V mask
HREF
HD
VD
Dedicated
VDD
Dedicated
VSS
AVDD
AVSS
Gyrator type
DIVSEL
(ECL
PC3
PC2
PCSEL
IFIL
BFIL
AGCOFF
DIVN
HDIV
VCO1
OUTSEL
1-Vp-p sine wave
Full-scale square wave
APCLK
BUFFER
TEST
2
(div: 1896/948/880/660)
(29.82 MHz/29.82 MHz/
29.7 MHz/29.7 MHz)
(15.75/31.5/
33/45 kHz)
AGC
Figure 5
Block Diagram of HPLL


유사한 부품 번호 - TC90A58F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC90A53F TOSHIBA-TC90A53F Datasheet
305Kb / 17P
   3-LINE DIGITAL Y / C SEPARATOR IC
TC90A53N TOSHIBA-TC90A53N Datasheet
305Kb / 17P
   3-LINE DIGITAL Y / C SEPARATOR IC
More results

유사한 설명 - TC90A58F

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
   AD/DA CONVERTER
logo
Toshiba Semiconductor
TC9287AF TOSHIBA-TC9287AF Datasheet
541Kb / 15P
   2 CHANNEL 1BIT AD/DA CONVERTER FOR AUDIO
2000-03-01
logo
Analog Devices
AD7570 AD-AD7570_15 Datasheet
3Mb / 12P
   10-Bit Monolithic AD Converter
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
   10 BIT 20MHZ AD CONVERTER
logo
Analog Devices
AD574AJN AD-AD574AJN Datasheet
781Kb / 12P
   Complete 12-bit AD Converter
REV. B
logo
KODENSHI_AUK CORP.
TPSMD02-1 KODENSHI-TPSMD02-1 Datasheet
233Kb / 2P
   AD converter bit count 10Bit
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
logo
Intersil Corporation
HI2555 INTERSIL-HI2555 Datasheet
758Kb / 11P
   1-Bit, AD/DA Converter For Audio Application
HI2570 INTERSIL-HI2570 Datasheet
637Kb / 8P
   1-Bit AD/DA Converter For Audio Application
logo
Analog Devices
AD-FMCOMMS2-EBZ AD-AD-FMCOMMS2-EBZ Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com