전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPC2709T 데이터시트(PDF) 5 Page - NEC

부품명 UPC2709T
상세설명  2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPC2709T 데이터시트(HTML) 5 Page - NEC

  UPC2709T Datasheet HTML 1Page - NEC UPC2709T Datasheet HTML 2Page - NEC UPC2709T Datasheet HTML 3Page - NEC UPC2709T Datasheet HTML 4Page - NEC UPC2709T Datasheet HTML 5Page - NEC UPC2709T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
0.10
0.258
-4.1
12.7
-3.7
0.022
7.5
0.234
-4.6
1.66
22.1
0.20
0.261
-2.9
12.8
-12.2
0.024
3.1
0.240
-6.9
1.52
22.1
0.30
0.266
-3.4
12.9
-19.6
0.025
6.3
0.251
-9.6
1.45
22.2
0.40
0.271
-4.6
13.0
-27.0
0.025
6.5
0.260
-13.5
1.42
22.3
0.50
0.272
-6.8
13.1
-34.2
0.026
5.6
0.272
-17.9
1.36
22.3
0.60
0.275
-8.1
13.3
-41.3
0.026
10.5
0.288
-22.1
1.32
22.5
0.70
0.277
-10.4
13.5
-49.2
0.026
9.9
0.303
-28.6
1.29
22.6
0.80
0.278
-12.7
13.6
-57.4
0.026
11.0
0.312
-33.5
1.27
22.7
0.90
0.279
-14.0
13.7
-65.7
0.026
11.8
0.319
-38.4
1.25
22.7
1.00
0.279
-15.2
13.8
-72.3
0.027
15.6
0.324
-43.4
1.20
22.8
1.10
0.279
-18.1
13.9
-81.1
0.027
15.8
0.328
-51.2
1.19
22.9
1.20
0.276
-20.7
14.0
-90.3
0.027
17.7
0.332
-59.0
1.19
22.9
1.30
0.271
-23.3
13.9
-99.8
0.027
16.7
0.332
-67.1
1.20
22.9
1.40
0.263
-25.6
13.8
-109.3
0.027
19.2
0.326
-75.1
1.22
22.8
1.50
0.255
-26.9
13.6
-118.5
0.027
20.4
0.314
-82.5
1.25
22.7
1.60
0.246
-28.6
13.2
-128.3
0.028
20.6
0.302
-90.6
1.27
22.4
1.70
0.238
-30.2
12.7
-138.0
0.029
21.6
0.282
-98.9
1.30
22.1
1.80
0.237
-31.7
12.3
-147.5
0.030
27.9
0.254
-106.8
1.33
21.8
1.90
0.232
-33.1
11.7
-157.2
0.030
31.0
0.226
-113.6
1.40
21.4
2.00
0.222
-33.6
11.0
-166.1
0.031
33.2
0.198
-120.8
1.47
20.8
2.10
0.209
-34.4
10.3
-174.3
0.032
34.6
0.168
-126.7
1.54
20.3
2.20
0.194
-33.1
9.7
177.5
0.033
35.8
0.143
-132.5
1.61
19.7
2.30
0.184
-30.3
9.0
169.5
0.034
36.1
0.114
-137.7
1.69
19.1
2.40
0.176
-26.8
8.4
162.0
0.034
38.5
0.089
-144.4
1.81
18.5
2.50
0.173
-23.2
7.8
154.8
0.035
39.2
0.065
-150.6
1.90
17.8
UPC2712T
Note:
1. K factor calculations:
K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
∆ = S11 S22 - S21 S12
FREQUENCY
S11
S21
S12
S22
K1
S21
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
0.262
-9.3
9.3
-6.4
0.021
-1.6
0.071
7.8
2.46
19.3
0.20
0.261
-12.3
9.4
-17.4
0.022
-3.3
0.078
7.2
2.33
19.5
0.30
0.260
-17.0
9.5
-27.7
0.022
-5.1
0.091
6.4
2.29
19.6
0.40
0.258
-21.9
9.6
-37.5
0.023
-6.8
0.110
4.3
2.16
19.7
0.50
0.257
-27.1
9.8
-46.9
0.024
-8.5
0.128
-1.1
2.05
19.8
0.60
0.255
-32.0
9.9
-56.4
0.024
-10.2
0.146
-6.8
2.01
19.9
0.70
0.254
-38.1
10.0
-65.7
0.025
-12.0
0.166
-14.9
1.90
20.0
0.80
0.252
-41.9
10.2
-75.9
0.026
-13.7
0.181
-22.9
1.80
20.1
0.90
0.250
-46.5
10.3
-86.0
0.026
-15.4
0.194
-32.7
1.77
20.3
1.00
0.248
-51.0
10.4
-96.4
0.027
-17.2
0.204
-40.5
1.69
20.4
1.10
0.246
-57.5
10.6
-106.4
0.028
-18.9
0.212
-50.9
1.62
20.5
1.20
0.240
-62.5
10.6
-117.7
0.028
-20.6
0.221
-59.7
1.60
20.5
1.30
0.236
-67.8
10.7
-128.9
0.029
-22.3
0.235
-70.9
1.54
20.6
1.40
0.232
-72.4
10.8
-140.6
0.030
-24.1
0.244
-81.3
1.48
20.6
1.50
0.224
-77.7
10.8
-152.7
0.031
-25.8
0.247
-94.4
1.44
20.7
1.60
0.218
-82.1
10.9
-164.9
0.031
-27.5
0.246
-106.3
1.44
20.7
1.70
0.210
-86.2
10.9
-177.6
0.032
-29.3
0.240
-119.4
1.42
20.7
1.80
0.201
-89.3
10.7
169.5
0.033
-31.0
0.234
-131.5
1.42
20.6
1.90
0.190
-93.5
10.5
156.4
0.033
-32.7
0.221
-143.3
1.46
20.4
2.00
0.180
-96.9
10.3
143.7
0.034
-34.4
0.210
-159.0
1.46
20.3
2.10
0.173
-98.4
10.0
129.8
0.035
-36.2
0.187
-173.4
1.48
20.0
2.20
0.169
-101.3
9.7
119.3
0.035
-37.9
0.169
167.5
1.54
19.7
2.30
0.161
-100.3
8.8
107.2
0.036
-39.6
0.156
151.8
1.63
18.9
2.40
0.157
-100.0
8.4
95.8
0.037
-41.3
0.134
132.8
1.69
18.4
2.50
0.156
-99.4
7.7
84.9
0.037
-43.1
0.125
114.0
1.80
17.8
2.60
0.156
-100.0
7.3
75.4
0.038
-44.8
0.118
89.8
1.85
17.3
2.70
0.159
-98.4
6.8
64.5
0.038
-46.5
0.108
65.4
2.00
16.6
2.80
0.164
-101.7
6.5
56.1
0.039
-48.3
0.110
50.2
2.02
16.2
2.90
0.168
-100.1
5.8
47.0
0.039
-50.0
0.122
32.2
2.21
15.3
3.00
0.172
-101.1
5.5
36.2
0.040
-51.7
0.136
15.6
2.28
14.8
UPC2709T, UPC2712T
FREQUENCY
S11
S21
S12
S22
K1
S21
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCC = 5 V, ICC = 25 mA
UPC2709T
VCC = 5 V, ICC = 12 mA


유사한 부품 번호 - UPC2709T

제조업체부품명데이터시트상세설명
logo
NEC
UPC2709T NEC-UPC2709T Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2709T RENESAS-UPC2709T Datasheet
313Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC2709T-E3 RENESAS-UPC2709T-E3 Datasheet
313Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
logo
NEC
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2709TB CEL-UPC2709TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results

유사한 설명 - UPC2709T

제조업체부품명데이터시트상세설명
logo
NEC
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
   1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
   3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
   WIDE BAND UHF SILICON MMIC AMPLIFIER
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Tyco Electronics
MAAM28000-A1 MACOM-MAAM28000-A1 Datasheet
126Kb / 2P
   Wide Band GaAs MMIC Amplifier 2-8 GHz
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
   Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
   Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
NEC
UPC1656 NEC-UPC1656 Datasheet
40Kb / 3P
   850 MHz WIDE-BAND SILICON MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com