전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM21L16-60-TGTR 데이터시트(PDF) 4 Page - Cypress Semiconductor

부품명 FM21L16-60-TGTR
상세설명  2-Mbit (128 K 횞 16) F-RAM Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM21L16-60-TGTR 데이터시트(HTML) 4 Page - Cypress Semiconductor

  FM21L16-60-TGTR Datasheet HTML 1Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 2Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 3Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 4Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 5Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 6Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 7Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 8Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FM21L16
Document Number: 001-86191 Rev. *D
Page 4 of 22
Device Operation
The FM21L16 is a word wide F-RAM memory logically organized
as 131,072 × 16 and accessed using an industry-standard
parallel interface. All data written to the part is immediately
nonvolatile with no delay. The device offers page mode
operation, which provides high-speed access to addresses
within a page (row). Access to a different page requires that
either CE transitions LOW or the upper address (A16–A2)
changes. See the Functional Truth Table on page 17 for a
complete description of read and write modes.
Memory Operation
Users access 131,072 memory locations, each with 16 data bits
through a parallel interface. The F-RAM array is organized as
eight blocks, each having 4096 rows. Each row has four column
locations, which allow fast access in page mode operation.
When an initial address is latched by the falling edge of CE,
subsequent column locations may be accessed without the need
to toggle CE. When CE is deasserted HIGH, a pre-charge
operation begins. Writes occur immediately at the end of the
access with no delay. The WE pin must be toggled for each write
operation. The write data is stored in the nonvolatile memory
array immediately, which is a feature unique to F-RAM called
NoDelay writes.
Read Operation
A read operation begins on the falling edge of CE. The falling
edge of CE causes the address to be latched and starts a
memory read cycle if WE is HIGH. Data becomes available on
the bus after the access time is met. When the address is latched
and the access completed, a new access to a random location
(different row) may begin while CE is still LOW. The minimum
cycle time for random addresses is tRC. Note that unlike SRAMs,
the FM21L16's CE-initiated access time is faster than the
address access time.
The FM21L16 will drive the data bus when OE and at least one
of the byte enables (UB, LB) is asserted LOW. The upper data
byte is driven when UB is LOW, and the lower data byte is driven
when LB is LOW. If OE is asserted after the memory access time
is met, the data bus will be driven with valid data. If OE is
asserted before completing the memory access, the data bus will
not be driven until valid data is available. This feature minimizes
supply current in the system by eliminating transients caused by
invalid data being driven to the bus. When OE is deasserted
HIGH, the data bus will remain in a HI-Z state.
Write Operation
In the FM21L16, writes occur in the same interval as reads. The
FM21L16 supports both CE and WE controlled write cycles. In
both cases, the address A16–A2 is latched on the falling edge of
CE.
In a CE-controlled write, the WE signal is asserted before
beginning the memory cycle. That is, WE is LOW when CE falls.
In this case, the device begins the memory cycle as a write. The
FM21L16 will not drive the data bus regardless of the state of OE
as long as WE is LOW. Input data must be valid when CE is
deasserted HIGH. In a WE-controlled write, the memory cycle
begins on the falling edge of CE. The WE signal falls some time
later. Therefore, the memory cycle begins as a read. The data
bus will be driven if OE is LOW; however, it will be HI-Z when WE
is asserted LOW. The CE- and WE-controlled write timing cases
are shown in the page 14.
Write access to the array begins on the falling edge of WE after
the memory cycle is initiated. The write access terminates on the
rising edge of WE or CE, whichever comes first. A valid write
operation requires the user to meet the access time specification
before deasserting WE or CE. The data setup time indicates the
interval during which data cannot change before the end of the
write access (rising edge of WE or CE).
Unlike other nonvolatile memory technologies, there is no write
delay with F-RAM. Because the read and write access times of
the underlying memory are the same, the user experiences no
delay through the bus. The entire memory operation occurs in a
single bus cycle. Data polling, a technique used with EEPROMs
to determine if a write is complete, is unnecessary.
Page Mode Operation
The F-RAM array is organized as eight blocks, each having 4096
rows. Each row has four column-address locations. Address
inputs A1–A0 define the column address to be accessed. An
access can start on any column address, and other column
locations may be accessed without the need to toggle the CE pin.
For fast access reads, after the first data byte is driven to the bus,
the column address inputs A1–A0 may be changed to a new
value. A new data byte is then driven to the DQ pins no later than
tAAP, which is less than half the initial read access time. For fast
access writes, the first write pulse defines the first write access.
While CE is LOW, a subsequent write pulse along with a new
column address provides a page mode write access.
Pre-charge Operation
The pre-charge operation is an internal condition in which the
memory state is prepared for a new access. Pre-charge is
user-initiated by driving the CE signal HIGH. It must remain
HIGH for at least the minimum pre-charge time, tPC.
Pre-charge is also activated by changing the upper addresses,
A16–A2. The current row is first closed before accessing the new
row. The device automatically detects an upper order address
change, which starts a pre-charge operation. The new address
is latched and the new read data is valid within the tAA address
access time; see Figure 9 on page 13. A similar sequence occurs
for write cycles; see Figure 14 on page 14. The rate at which
random addresses can be issued is tRC and tWC, respectively.
Sleep Mode
The device incorporates a sleep mode of operation, which allows
the user to achieve the lowest power supply current condition. It
enters a low-power sleep mode by asserting the ZZ pin LOW.
Read and write operations must complete before the ZZ pin
going LOW. When ZZ is LOW, all pins are ignored except the ZZ
pin. When ZZ is deasserted HIGH, there is some time delay
(tZZEX) before the user can access the device.
If sleep mode is not used, the ZZ pin should be tied to VDD.


유사한 부품 번호 - FM21L16-60-TGTR

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM21L16-60-TG RAMTRON-FM21L16-60-TG Datasheet
224Kb / 14P
   2Mbit FRAM Memory
More results

유사한 설명 - FM21L16-60-TGTR

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY15B102N CYPRESS-CY15B102N Datasheet
504Kb / 22P
   2-Mbit (128K 횞 16) Automotive F-RAM Memory
CY15B101N CYPRESS-CY15B101N Datasheet
471Kb / 19P
   1-Mbit (64K 횞 16) Automotive F-RAM Memory
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com