전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM21L16-60-TGTR 데이터시트(PDF) 8 Page - Cypress Semiconductor

부품명 FM21L16-60-TGTR
상세설명  2-Mbit (128 K 횞 16) F-RAM Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM21L16-60-TGTR 데이터시트(HTML) 8 Page - Cypress Semiconductor

Back Button FM21L16-60-TGTR Datasheet HTML 4Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 5Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 6Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 7Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 8Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 9Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 10Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 11Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
FM21L16
Document Number: 001-86191 Rev. *D
Page 8 of 22
SRAM Drop-In Replacement
The FM21L16 is designed to be a drop-in replacement for
standard asynchronous SRAMs. The device does not require CE
to toggle for each new address. CE may remain LOW for as long
as 10 µs. While CE is LOW, the device automatically detects
address changes and a new access begins. It also allows page
mode operation at speeds up to 33 MHz.
Figure 6 shows a pull-up resistor on CE, which will keep the pin
HIGH during power cycles, assuming the MCU / MPU pin
tristates during the reset condition. The pull-up resistor value
should be chosen to ensure the CE pin tracks VDD to a high
enough value, so that the current drawn when CE is LOW is not
an issue. A 10-k
 resistor draws 330 µA when CE is LOW and
VDD = 3.3 V
Note that if CE is tied to ground, the user must be sure WE is not
LOW at power-up or power-down events. If CE and WE are both
LOW during power cycles, data will be corrupted. Figure 7 shows
a pull-up resistor on WE, which will keep the pin HIGH during
power cycles, assuming the MCU / MPU pin tristates during the
reset condition.The pull-up resistor value should be chosen to
ensure the WE pin tracks VDD to a high enough value, so that
the current drawn when WE is LOW is not an issue. A 10-k
resistor draws 330 µA when WE is LOW and VDD = 3.3 V.
Note
If CE is tied to ground, the user gives up the ability to
perform the software write-protect sequence.
For applications that require the lowest power consumption, the
CE signal should be active (LOW) only during memory accesses.
The FM21L16 draws supply current while CE is LOW, even if
addresses and control signals are static. While CE is HIGH, the
device draws no more than the maximum standby current, ISB.
CE toggling LOW on every address access is perfectly
acceptable in FM21L16.
The UB and LB byte select pins are active for both read and write
cycles. They may be used to allow the device to be wired as a
256 K × 8 memory. The upper and lower data bytes can be tied
together and controlled with the byte selects. Individual byte
enables or the next higher address line A17 may be available
from the system processor.
Figure 6. Use of Pull-up Resistor on CE
MCU / MPU
CE
WE
OE
A16-0
DQ15-0
FM21L16
VDD
Figure 7. Use of Pull-up Resistor on WE
Figure 8. FM21L16 Wired as 256 K × 8
MCU / MPU
CE
WE
OE
A16-0
DQ15-0
FM21L16
VDD
DQ
CE
UB
LB
WE
OE
ZZ
2-Mbit F-RAM
FM21L16
A
15-8
DQ
7-0
D
7-0
16-0
A
17
A
16-0


유사한 부품 번호 - FM21L16-60-TGTR

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM21L16-60-TG RAMTRON-FM21L16-60-TG Datasheet
224Kb / 14P
   2Mbit FRAM Memory
More results

유사한 설명 - FM21L16-60-TGTR

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY15B102N CYPRESS-CY15B102N Datasheet
504Kb / 22P
   2-Mbit (128K 횞 16) Automotive F-RAM Memory
CY15B101N CYPRESS-CY15B101N Datasheet
471Kb / 19P
   1-Mbit (64K 횞 16) Automotive F-RAM Memory
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com