전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAW5SM 데이터시트(PDF) 9 Page - OSRAM GmbH

부품명 LAW5SM
상세설명  Golden DRAGON
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAW5SM 데이터시트(HTML) 9 Page - OSRAM GmbH

Back Button LAW5SM_18 Datasheet HTML 5Page - OSRAM GmbH LAW5SM_18 Datasheet HTML 6Page - OSRAM GmbH LAW5SM_18 Datasheet HTML 7Page - OSRAM GmbH LAW5SM_18 Datasheet HTML 8Page - OSRAM GmbH LAW5SM_18 Datasheet HTML 9Page - OSRAM GmbH LAW5SM_18 Datasheet HTML 10Page - OSRAM GmbH LAW5SM_18 Datasheet HTML 11Page - OSRAM GmbH LAW5SM_18 Datasheet HTML 12Page - OSRAM GmbH LAW5SM_18 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LA W5SM
9 Version 1.2 | 2018-02-13
LA W5SM
-40-20
020406080 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φv
Φv(25°C)
:amber
Relative Luminous Flux 6)
Φ
vv(25 °C) = f(Tj); IF = 400 mA
LA W5SM
-40-20
020406080 100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
VF [V]
:amber
Forward Voltage 6)
V
F = VF - VF(25 °C) = f(Tj); IF = 400 mA
LA W5SM
-40-20
020406080 100 120
Tj [°C]
-8
-6
-4
-2
0
2
4
6
8
∆λ dom [nm]
:amber
Dominant Wavelength 6)
∆λ
dom = λdom - λdom(25 °C) = f(Tj); IF = 400 mA


유사한 부품 번호 - LAW5SM_18

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
615Kb / 21P
   white SMD package, colorless clear silicone resin
More results

유사한 설명 - LAW5SM_18

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LYW5SM OSRAM-LYW5SM Datasheet
645Kb / 21P
   Golden DRAGON
LTW5AM OSRAM-LTW5AM Datasheet
1Mb / 23P
   Golden DRAGON Plus
logo
Dialight Corporation
OPGD1002 DIALIGHT-OPGD1002 Datasheet
126Kb / 2P
   OSRAM GOLDEN DRAGON ADHESIVE-BACKED LENS
logo
Ledil, Inc.
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
   ~15째 spot beam optimized for Golden Dragon
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
   ~20째 smooth spot beam optimized for Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
   ~35째 15째 oval beam optimized for Osram Golden Dragon
CA12046 LEDIL-CA12046_18 Datasheet
4Mb / 4P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com