전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71GL064A 데이터시트(PDF) 3 Page - SPANSION

부품명 S71GL064A
상세설명  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL064A 데이터시트(HTML) 3 Page - SPANSION

  S71GL064A Datasheet HTML 1Page - SPANSION S71GL064A Datasheet HTML 2Page - SPANSION S71GL064A Datasheet HTML 3Page - SPANSION S71GL064A Datasheet HTML 4Page - SPANSION S71GL064A Datasheet HTML 5Page - SPANSION S71GL064A Datasheet HTML 6Page - SPANSION S71GL064A Datasheet HTML 7Page - SPANSION S71GL064A Datasheet HTML 8Page - SPANSION S71GL064A Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 134 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. Each product described herein may be designated as Ad-
vance Information, Preliminary, or Full Production. See the section “Notice on Data Sheet Designations” for definitions.
Publication Number S71GL064A_00
Revision A Amendment 2 Issue Date February 8, 2005
Distinctive Characteristics
MCP Features
Power supply voltage of 2.7 to 3.1 volt
High performance
— 100 ns access time (100 ns Flash, 70 ns pSRAM/
SRAM)
— 25 ns page read times
Packages
— 7 x 9 x 1.2 mm 56 ball FBGA (TLC056)
Operating Temperature
— –25°C to +85°C
— –40°C to +85°C
General Description
The S71GL064A product series consists of S29GL064 Flash memory with pSRAM and SRAM
combinations defined as:
S71GL064A based MCPs
Stacked Multi-Chip Product (MCP) Flash Memory and
RAM 64 Megabit (4 M x 16-bit) CMOS 3.0 Volt-only Page
Mode Flash Memory and 16/8 Megabit (1M/512K x 16-bit)
Pseudo Static RAM / Static RAM
Data Sheet
ADVANCE
INFORMATION
Flash Memory Density
64Mb
pSRAM / SRAM
Density
8Mb
S71GL064A80/S71GL064A08
16Mb
S71GL064AA0/S71GL064A0A


유사한 부품 번호 - S71GL064A

제조업체부품명데이터시트상세설명
logo
SPANSION
S71GL064A04BAI0B0 SPANSION-S71GL064A04BAI0B0 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL064A04BAI0B2 SPANSION-S71GL064A04BAI0B2 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL064A04BAI0B3 SPANSION-S71GL064A04BAI0B3 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL064A04BAI0F0 SPANSION-S71GL064A04BAI0F0 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL064A04BAI0F2 SPANSION-S71GL064A04BAI0F2 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results

유사한 설명 - S71GL064A

제조업체부품명데이터시트상세설명
logo
SPANSION
S71PL254 SPANSION-S71PL254 Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
SPANSION
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com