전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP9410N 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 SMP9410N
상세설명  Quad 10-Bit Nonvolatile DACPOT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SMP9410N 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SMP9410N Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP9410N Datasheet HTML 5Page - List of Unclassifed Manufacturers SMP9410N Datasheet HTML 6Page - List of Unclassifed Manufacturers SMP9410N Datasheet HTML 7Page - List of Unclassifed Manufacturers SMP9410N Datasheet HTML 8Page - List of Unclassifed Manufacturers SMP9410N Datasheet HTML 9Page - List of Unclassifed Manufacturers SMP9410N Datasheet HTML 10Page - List of Unclassifed Manufacturers SMP9410N Datasheet HTML 11Page - List of Unclassifed Manufacturers SMP9410N Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
SMP9410
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
2056 2.0 10/04/02
ACCESSING THE DACS
Data transfers are initiated when a Master issues a Start
condition, which is a high to low transition on SDA while
SCL is high (see Figure 3). The Start is immediately
followed by an eight bit transmission: bits 7 through 1
comprise the device type identifier and device bus address;
bit 0 is the Read/Write bit indicating the action to follow. If
the intended device receives the byte and recognizes its
address it will return an Acknowledge during the 9th clock
cycle. Some data transfers will be concluded with a Stop
condition, which is a low to high transition on SDA while
SCL is high. Note: a Stop condition must be performed for
all nonvolatile Write operations. Timing for all I2C opera-
tions are summarized in Figure 4 and Table 1.
The default device type identifier for addressing DACs is
0101BIN. In order to accommodate more than eight devices
on a single bus the device type identifier can be modified by
the end user by writing to the configuration registers. (See
Table 2). A0, A1 and A2 are the address inputs. When
addressing the nonvolatile or configuration registers,
theaddress inputs distinguish which one of eight possible
devices sharing the common bus is being addressed.
Setting them high or low will determine the device’s bus
address that is contained within the serial bus data stream.
Figure 3. START and STOP Timing
Figure 4. I2C Data/Clock Timing
2056 Fig01
SCL
SDA In
START
Condition
STOP
Condition
tF
tR
tLOW
tHIGH
tHD:STA
tSU:STA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
2056 Fig02
Command Structure
The command structure is illustrated in Table 2. Of special
note is the ability to write individually to any of the four
DACs, or to all of them. The first five commands are three
bytes in length and can either be volatile or nonvolatile DAC
writes.
APPLICATIONS INFORMATION (CONTINUED)


유사한 부품 번호 - SMP9410N

제조업체부품명데이터시트상세설명
logo
Seme LAB
SMP900G-JP SEME-LAB-SMP900G-JP Datasheet
54Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-JQ SEME-LAB-SMP900G-JQ Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-KP SEME-LAB-SMP900G-KP Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-KQ SEME-LAB-SMP900G-KQ Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
logo
Summit Microelectronics...
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
   Dual 10-bit Nonvolatile DAC
More results

유사한 설명 - SMP9410N

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
logo
Catalyst Semiconductor
CAT504 CATALYST-CAT504 Datasheet
141Kb / 12P
   8-Bit Quad DACpot
logo
Summit Microelectronics...
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
   Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Summit Microelectronics...
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
   Dual 10-bit Nonvolatile DAC
SMP9517 SUMMIT-SMP9517 Datasheet
51Kb / 8P
   Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
   Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
Maxim Integrated Produc...
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com