전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6849H 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TEA6849H
상세설명  New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6849H 데이터시트(HTML) 4 Page - NXP Semiconductors

  TEA6849H Datasheet HTML 1Page - NXP Semiconductors TEA6849H Datasheet HTML 2Page - NXP Semiconductors TEA6849H Datasheet HTML 3Page - NXP Semiconductors TEA6849H Datasheet HTML 4Page - NXP Semiconductors TEA6849H Datasheet HTML 5Page - NXP Semiconductors TEA6849H Datasheet HTML 6Page - NXP Semiconductors TEA6849H Datasheet HTML 7Page - NXP Semiconductors TEA6849H Datasheet HTML 8Page - NXP Semiconductors TEA6849H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
2003 Dec 19
4
Philips Semiconductors
Product specification
New In Car Entertainment car radio tuner IC with
Precision Adjacent Channel Suppression (NICE-PACS)
TEA6849H
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA(n)
analog supply voltage 1 to 4 and 6
8
8.5
9
V
IDDA(tot)
sum of analog supply
currents 1 to 4 and 6
FM mode
45
56
67
mA
AM mode
40
50
60
mA
VDDA5
analog supply voltage 5
4.75
5
5.25
V
IDDA5
analog supply current 5
FM mode
7.4
mA
AM mode
11
mA
VDDD
digital supply voltage
4.75
5
5.25
V
IDDD
digital supply current
FM mode
21
26
31
mA
AM mode
22
27
32
mA
fAM(ant)
AM input frequency
LW
0.144
0.288
MHz
MW
0.522
1.710
MHz
SW
5.730
9.99
MHz
fFM(ant)
FM input frequency
65
108
MHz
fFM(WB)(ant)
FM weather band input frequency
162.4
162.55
MHz
Tamb
ambient temperature
−40
+85
°C
AM overall system parameters; see Figs 12 and 13
(S+N)/N
signal plus noise-to-noise ratio
m = 0.3; BAF = 2.15 kHz
59
dB
THD
total harmonic distortion
m = 0.8; fmod = 1 kHz
0.3
%
Vsens(rms)
sensitivity (RMS value)
m = 0.3; fmod = 1 kHz;
(S+N)/N = 26 dB;
with European dummy
aerial 15 pF/60 pF;
BAF = 2.15 kHz
45
−µV
FM overall system parameters; see Figs 12 and 13
(S+N)/N
signal plus noise-to-noise ratio
∆f = 22.5 kHz;
de-emphasis = 50
µs;
BAF = 300 Hz to 15 kHz
63
dB
THD
total harmonic distortion
∆f = 75 kHz;
with 2
× SFE10.7MS3
0.35
%
Vsens(rms)
sensitivity (RMS value)
∆f = 22.5 kHz;
fmod = 1 kHz;
(S+N)/N = 26 dB;
de-emphasis = 50
µs;
BAF = 300 Hz to 15 kHz;
with 75
Ω dummy antenna
1.4
2
µV


유사한 부품 번호 - TEA6849H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
More results

유사한 설명 - TEA6849H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com