전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMM205NR0C 데이터시트(PDF) 5 Page - Summit Microelectronics, Inc.

부품명 SMM205NR0C
상세설명  Dual Channel Supply Voltage Marginer and Active DC Output Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR0C 데이터시트(HTML) 5 Page - Summit Microelectronics, Inc.

  SMM205NR0C Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM205NR0C Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM205NR0C Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM205NR0C Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM205NR0C Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM205NR0C Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM205NR0C Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205NR0C Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205NR0C Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
5
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ......................–55
°C to 125°C
Storage Temperature............................–65
°C to 150°C
Terminal Voltage with Respect to GND:
VDD Supply Voltage .........................–0.3V to 6.0V
12VIN Supply Voltage.....................–0.3V to 15.0V
All Others ............................... –0.3V to VDD + 0.7V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 secs)……………….300
°C
Junction Temperature.........................…….....…...150°C
ESD Rating per JEDEC……………………..……..2000V
Latch-Up testing per JEDEC………..……......…
±100mA
Note - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of the specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability. Devices are
ESD sensitive. Handling precautions are recommended.
RECOMMENDED OPERATING CONDITIONS
Temperature Range (Industrial) .......... –40
°C to +85°C
(Commercial)............ –5
°C to +70°C
VDD Supply Voltage.................................. 2.7V to 5.5V
12VIN Supply Voltage (1)........................ 8.0V to 14.0V
VIN.............................................................GND to VDD
VOUT.......................................................GND to 15.0V
Package Thermal Resistance (
θJA)
28 Lead QFN………………………………….…80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
Note (1) — Range depends on internal regulator set to 3.6V or 5.5V,
see 12VIN specification below.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VDD
Supply Voltage
2.7
3.3
5.5
V
Internally regulated to 5.5V
10
15
V
12VIN
Supply Voltage
Internally regulated to 3.6V
6
14
VM
Positive Sense Voltage
VM pin
–0.3
VDD
V
IDD
Power Supply Current from
VDD
All TRIM pins and 12VIN floating
3
5
mA
I12VIN
Power Supply Current from
12VIN
All TRIM pins and VDD floating
3
5
mA
TRIM Sourcing Max Current
1.5
mA
ITRIM
TRIM output current
through 100
Ω to 1.0V
TRIM Sinking Max Current
1.5
mA
VADOC
Margin Control/ADOC
Range
Depends on Trim range of DC-
DC Converter
VREF_CNTL
VDD
V
VDD = 2.7V
0.9xVDD
VDD
VIH
Input High Voltage
VDD = 5.0V
0.7xVDD
VDD
V
VDD = 2.7V
0.1xVDD
VIL
Input Low Voltage
VDD = 5.0V
0.3xVDD
V
VOL
Programmable Open Drain
Output (READY)
ISINK = TBD
0.2
V
OV/UV
Monitor Voltage Range
COMP1 and COMP2 pins
–0.3
VDD
V
VHYST
Base DC Hysteresis
COMP1 and COMP2 pins,
VTH – VTL — Note 1
3
10
mV
Note 1 – The Base DC Hysteresis voltage is measured with a 1.25V external voltage source. The resulting value is determined by subtracting
Threshold Low from Threshold High (VTH – VTL) while monitoring the FAULT# pin state. Base DC Hysteresis is measured with a 1.25V input. Actual
DC Hysteresis is derived from the equation: (VIN/VREF)(Base Hysteresis). For example, if VIN = 2.5V and VREF = 1.25V then Actual DC Hysteresis =
(2.5V/1.25V) (0.003V) = 6mV.


유사한 부품 번호 - SMM205NR0C

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SMM20 BEL-SMM20 Datasheet
365Kb / 2P
   Square Ceramic Surface Mount Medium Blow Fuse
SMM20 BEL-SMM20 Datasheet
1Mb / 4P
   Type SMM
logo
List of Unclassifed Man...
SMM20N50 ETC1-SMM20N50 Datasheet
409Kb / 4P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
SMM20P10 ETC1-SMM20P10 Datasheet
180Kb / 4P
   P-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results

유사한 설명 - SMM205NR0C

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
   Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com