전자부품 데이터시트 검색엔진 |
|
AD5247 데이터시트(PDF) 6 Page - Analog Devices |
|
AD5247 데이터시트(HTML) 6 Page - Analog Devices |
6 / 20 page AD5247 Rev. 0 | Page 6 of 20 ABSOLUTE MAXIMUM RATINGS Table 4. TA = 25°C, unless otherwise noted1 Parameter Value VDD to GND –0.3 V to +7 V VA, VW to GND VDD Terminal Current, Ax–Bx, Ax–Wx, Bx–Wx Pulsed2 ±20 mA Continuous ±5 mA Digital Inputs and Output Voltage to GND 0 V to VDD + 0.3 V Operating Temperature Range –40°C to +125°C Maximum Junction Temperature (TJMAX) 150°C Storage Temperature –65°C to +150°C Lead Temperature (Soldering, 10 sec) 300°C Thermal Resistance3 θJA: SC70-6 340°C/W 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and maximum applied voltage across any two of the A, B, and W terminals at a given resistance. 3 Package power dissipation = (TJMAX – TA)/θJA. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
유사한 부품 번호 - AD5247 |
|
유사한 설명 - AD5247 |