전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2931R 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 LM2931R
상세설명  100mA Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

LM2931R 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  LM2931R Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2931R Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2931R Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2931R Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2931R Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2931R Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2931R Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2931R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM2931
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total temperature range.
Note 2: Unless otherwise specified all limits guaranteed for TJ = 25
°C, V
IN = VO +1V, IL = 100
µA and C
L = 1
µF. Additional conditions for the 8-
pin versions are feedback tied to –XX Voltage tap and output tied to output Sense pin ( VOUT = XX V) and VSHUTDOWN
≤ 0.8V
Note 2: Regulation is measured at constant junction temperature , using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under specification for thermal regulation.
Note 3: Line regulation for is tested at 150
°C for I
L = 1mA. For IL = 100
µA and T
J = 125
°C, line regulation is guaranteed by design to 0.2%. for
B2931-15 16V
≤ V
IN
≤ 26V.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at
1V differential.
Note 5: Ground pin Current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current and
output load current.
Note 6: Thermal regulation is the change in output voltage at a time T after a change in power dissipation, excluding load or line regulation
effects. Specifications are for a 50 mA load pulse (1.25W) for T = 10ms.
Note 7: VREF
≤ V
OUT
≤ (V
IN –1V), 2.3V
≤ V
IN
≤ 26V, 100µA ≤ I
L
≤100mA, T
J
≤ T
JMAX
Note 8: VSHUTDOWN
≥ 2V, V
IN
≤ 26V, V
OUT = 0
Application Hints
The LM2931 requires an output capacitor for device
stability.
The
value
required
varies
greatly
depending upon the application circuit and other
factors.
The high frequency characteristics of
electrolytic capacitors depend greatly on the type and
also on the manufacturer.
Sometimes only bench
testing is the only means to determine the proper
capacitor type and value. The high quality 100
µF
aluminum electrolytic covers all general application
circuits, this stability can be obtained with a tantalum
electrolytic value of 47
µF.
Another critical point of electrolytic characteristics is
its performance over temperature. The LM2931 is
designed to operate starting at -40
°C which may not
be true in the case of electrolytic.
Higher
temperatures generally no problem. The electrolytic.
type in aluminum will freeze around -30
°C. This
could cause an oscillation at output of regulator. At a
lower temperature requirement by many applications
the capacitor should maintain its performance. So as
a result, for an application which regulator junction
temperature does not exceed 25
°C, the output
capacitor can be reduced by the
factor of two over the value needed for the entire
temperature range.
Other points with linear regulators are that the twitch
higher output current stability decreases.
In most
applications
the
LM2931
is
operating
at
few
milliamps. In these applications the output capacitance
can be further reduced.
For example, when the
regulator is running at 10mA output current the output
capacitance value is half compared to the same
regulator that is running at 100 mA.
With the LM2931 adjustable regulator, the minimum
value of output capacitance is a function of the output
voltage. The value decreases with higher output
voltages, since the internal loop gain is reduced.
The worst case occurs at the lower temperature and
maximum operating currents, the entire circuit and the
electrolytic, should be cooled down to the minimum
temperature. The minimum of 0.6 volts required at
the input of regulator above the output to keep the
power dissipation and die heating to its minimum.
After the value for the capacitor has been determined
for actual use, the value should be doubled.


유사한 부품 번호 - LM2931R

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931 ONSEMI-LM2931 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
logo
Motorola, Inc
LM2931 MOTOROLA-LM2931 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2931 HTC-LM2931 Datasheet
99Kb / 2P
   0.1A LOW DROPOUT VOLTAGE REGULATORS
More results

유사한 설명 - LM2931R

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com